Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M64L5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 2Page - STMicroelectronics SPC563M64L5 Datasheet HTML 3Page - STMicroelectronics SPC563M64L5 Datasheet HTML 4Page - STMicroelectronics SPC563M64L5 Datasheet HTML 5Page - STMicroelectronics SPC563M64L5 Datasheet HTML 6Page - STMicroelectronics SPC563M64L5 Datasheet HTML 7Page - STMicroelectronics SPC563M64L5 Datasheet HTML 8Page - STMicroelectronics SPC563M64L5 Datasheet HTML 9Page - STMicroelectronics SPC563M64L5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Introduction
SPC563Mxx
6/48
Doc ID 13850 Rev 6
The SPC563Mxx has a single level of memory hierarchy consisting of up to 94 KB on-chip
SRAM and up to 1.5 MB of internal Flash memory. The SPC563Mxx also has an external
bus interface (EBI) for ‘calibration’(b).
On-chip modules include:
●
Single issue, 32-bit Power Architecture technology compliant e200z335 CPU core
complex
–
Includes Variable Length Encoding (VLE) enhancements for code size reduction
–
Floating Point Unit (FPU)
●
32-channel direct memory access controller (DMA)
●
Interrupt controller (INTC) capable of handling 364 selectable-priority interrupt
sources—191 peripheral interrupt sources, 8 software interrupts and 165 reserved
interrupts.
●
Frequency-modulated phase-locked loop (FMPLL)
●
Calibration external bus interface (EBI)b
●
System integration unit (SIU)
●
Up to 1.5 MB on-chip flash with flash controller
–
Fetch Accelerator for single cycle flash access @80 MHz
●
Up to 94 KB on-chip static RAM (including up to 32 KB standby RAM)
●
Boot assist module (BAM)
●
32-channel second-generation enhanced time processor unit (eTPU2)
–
32 standard eTPU channels
–
Architectural enhancements to improve code efficiency and added flexibility
●
16-channels enhanced modular input-output system (eMIOS)
●
Enhanced queued analog-to-digital converter (eQADC)
●
Decimation filter (part of eQADC)
●
Silicon die temperature sensor
●
Two deserial serial peripheral interface (DSPI) modules (compatible with Microsecond
Channel)
●
Two enhanced serial communication interface (eSCI) modules compatible with LIN
●
Two Controller Area Network (FlexCAN) modules that support CAN 2.0B
●
Nexus port controller (NPC) per IEEE-ISTO 5001-2003 standard
●
IEEE 1149.1 (JTAG) support
●
Nexus interface
●
On-chip voltage regulator controller that provides 1.2 V and 3.3 V internal supplies from
a 5 V external source
●
Designed for LQFP100, LQFP144, LQFP176, and LBGA208 packages
b.
The external bus interface is only accessible when using the calibration tool. It is not available on production
packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com