Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M64L5 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 32Page - STMicroelectronics SPC563M64L5 Datasheet HTML 33Page - STMicroelectronics SPC563M64L5 Datasheet HTML 34Page - STMicroelectronics SPC563M64L5 Datasheet HTML 35Page - STMicroelectronics SPC563M64L5 Datasheet HTML 36Page - STMicroelectronics SPC563M64L5 Datasheet HTML 37Page - STMicroelectronics SPC563M64L5 Datasheet HTML 38Page - STMicroelectronics SPC563M64L5 Datasheet HTML 39Page - STMicroelectronics SPC563M64L5 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Device overview
SPC563Mxx
36/48
Doc ID 13850 Rev 6
interface to Local Interconnect Network (LIN) slave devices. The eSCI block provides the
following features:
●
Full-duplex operation
●
Standard mark/space non-return-to-zero (NRZ) format
●
13-bit baud rate selection
●
Programmable 8-bit or 9-bit, data format
●
Programmable 12-bit or 13-bit data format for Timed Serial Bus (TSB) configuration to
support the Microsecond Channel upstream
●
Automatic parity generation
●
LIN support
–
Autonomous transmission of entire frames
–
Configurable to support all revisions of the LIN standard
–
Automatic parity bit generation
–
Double stop bit after bit error
–
10- or 13-bit break support
–
Separately enabled transmitter and receiver
–
Programmable transmitter output parity
–
2 receiver wake up methods:
Idle line wake-up
Address mark wake-up
●
Interrupt-driven operation with flags
●
Receiver framing error detection
●
Hardware parity checking
●
1/16 bit-time noise detection
●
DMA support for both transmit and receive data
–
Global error bit stored with receive data in system RAM to allow post processing of
errors
3.3.17
FlexCAN
The SPC563Mxx MCU contains two controller area network (FlexCAN) blocks. The
FlexCAN module is a communication controller implementing the CAN protocol according to
Bosch Specification version 2.0B. The CAN protocol was designed to be used primarily as a
vehicle serial data bus, meeting the specific requirements of this field: real-time processing,
reliable operation in the EMI environment of a vehicle, cost-effectiveness and required
bandwidth. FlexCAN module ‘A’ contains 64 message buffers (MB); FlexCAN module ‘C’
contains 32 message buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com