Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M64L5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC563M64L5 Datasheet HTML 1Page - STMicroelectronics SPC563M64L5 Datasheet HTML 2Page - STMicroelectronics SPC563M64L5 Datasheet HTML 3Page - STMicroelectronics SPC563M64L5 Datasheet HTML 4Page - STMicroelectronics SPC563M64L5 Datasheet HTML 5Page - STMicroelectronics SPC563M64L5 Datasheet HTML 6Page - STMicroelectronics SPC563M64L5 Datasheet HTML 7Page - STMicroelectronics SPC563M64L5 Datasheet HTML 8Page - STMicroelectronics SPC563M64L5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2013
Doc ID 13850 Rev 6
1/48
1
SPC563Mxx
32-bit Power Architecture® based on MCU for automotive
powertrain applications
Features
■ Single issue, 32-bit Power Architecture® Book
E compliant e200z335 CPU core complex
– Includes variable length encoding (VLE)
enhancements for code size reduction
■ 32-channel direct memory access controller
(DMA)
■ Interrupt controller (INTC) capable of handling
364 selectable-priority interrupt sources: 191
peripheral interrupt sources, 8 software
interrupts and 165 reserved interrupts.
■ Frequency-modulated phase-locked loop
(FMPLL)
■ Calibration external bus interface (EBI)(a)
■ System integration unit (SIU)
■ Up to 1.5 Mbyte on-chip Flash with Flash
controller
– Fetch Accelerator for single cycle Flash
access @80 MHz
■ Up to 94 Kbyte on-chip static RAM (including
up to 32 Kbyte standby RAM)
■ Boot assist module (BAM)
■ 32-channel second-generation enhanced time
processor unit (eTPU)
– 32 standard eTPU channels
– Architectural enhancements to improve
code efficiency and added flexibility
■ 16-channels enhanced modular input-output
system (eMIOS)
■ Enhanced queued analog-to-digital converter
(eQADC)
■ Decimation filter (part of eQADC)
■ Silicon die temperature sensor
■ 2 deserial serial peripheral interface (DSPI)
modules (compatible with Microsecond Bus)
■ 2 enhanced serial communication interface
(eSCI) modules compatible with LIN
■ 2 controller area network (FlexCAN) modules
that support CAN 2.0B
■ Nexus port controller (NPC) per IEEE-ISTO
5001-2003 standard
■ IEEE 1149.1 (JTAG) support
■ Nexus interface
■ On-chip voltage regulator controller that
provides 1.2 V and 3.3 V internal supplies from
a 5 V external source.
■ Designed for LQFP100, LQFP144, LQFP176
and LBGA208 packages.
a.
The external bus interface is only accessible when
using the calibration tool. It is not available on
production packages.
LFBGA208
17 mm x 17 mm
x1.5 mm
LQFP144
20 mm x 20 mm
LQFP100
14 mm x 14 mm
LQFP176
24 mm x 24 m
m
Table 1.
Device summary
Memory Flash size
Part number
Package: LQFP100
Package: LQFP144
Package: LQFP176
Package: LBGA208
1536 Kbyte
-
SPC563M64L5
SPC563M64L7
-
www.st.com


Similar Part No. - SPC563M64L5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC563M64L5 STMICROELECTRONICS-SPC563M64L5 Datasheet
2Mb / 128P
32-bit Power Architecture based MCU for automotive powertrain applications
30-Mar-2016
More results

Similar Description - SPC563M64L5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
Bus interface registers
1996 Jan 05
logo
ATMEL Corporation
AT88RF001 ATMEL-AT88RF001 Datasheet
204Kb / 17P
RFID External EEPROM Interface IC
logo
Siemens Semiconductor G...
BIMM111 SIEMENS-BIMM111 Datasheet
195Kb / 7P
BUS INTERFACE MODUL
logo
Rohm
BU9969KN ROHM-BU9969KN_09 Datasheet
415Kb / 14P
Video bus interface
logo
ATMEL Corporation
AT91M40807 ATMEL-AT91M40807_14 Datasheet
1Mb / 153P
Fully Programmable External Bus Interface (EBI
AT91R40008 ATMEL-AT91R40008_14 Datasheet
360Kb / 20P
Fully-programmable External Bus Interface (EBI)
AT91R40807 ATMEL-AT91R40807_14 Datasheet
1Mb / 153P
Fully Programmable External Bus Interface
logo
STMicroelectronics
AN1076 STMICROELECTRONICS-AN1076 Datasheet
176Kb / 15P
ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
Allows system calibration regardless of availability of standard MCU external bus
13-Sep-2013
logo
Festo Corporation.
575301 FESTO-575301 Datasheet
62Kb / 1P
Bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com