| Electronic Components Datasheet Search |
|
SPC563M64L5 Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M64L5 Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 48 page ![]() Device overview SPC563Mxx 30/48 Doc ID 13850 Rev 6 ● Event-triggered microengine: – Fixed-length instruction execution in two-system-clock microcycle – 14 KB of code memory (SCM) – 3 KB of parameter (data) RAM (SPRAM) – Parallel execution of data memory, ALU, channel control and flow control sub- instructions in selected combinations – 32-bit microengine registers and 24-bit wide ALU, with 1 microcycle addition and subtraction, absolute value, bitwise logical operations on 24-bit, 16-bit, or byte operands, single-bit manipulation, shift operations, sign extension and conditional execution – Additional 24-bit Multiply/MAC/Divide unit which supports all signed/unsigned Multiply/MAC combinations, and unsigned 24-bit divide. The MAC/Divide unit works in parallel with the regular microcode commands ● Resource sharing features support channel use of common channel registers, memory and microengine time: – Hardware scheduler works as a “task management” unit, dispatching event service routines by predefined, host-configured priority – Automatic channel context switch when a “task switch” occurs, i.e., one function thread ends and another begins to service a request from other channel: channel- specific registers, flags and parameter base address are automatically loaded for the next serviced channel – SPRAM shared between host CPU and eTPU2, supporting communication either between channels and host or inter-channel – Dual-parameter coherency hardware support allows atomic access to two parameters by host ● Test and development support features: – Nexus Class 1 debug, supporting single-step execution, arbitrary microinstruction execution, hardware breakpoints and watchpoints on several conditions – Software breakpoints – SCM continuous signature-check built-in self test (MISC — multiple input signature calculator), runs concurrently with eTPU2 normal operation ● System enhancements – Software watchdog with programmable timeout – Real-time performance information ● Channel enhancements – Channels 1 and 2 can optionally drive angle clock hardware ● Programming enhancements – Engine relative addressing mode 3.3.14 eQADC The enhanced queued analog to digital converter (eQADC) block provides accurate and fast conversions for a wide range of applications. The eQADC provides a parallel interface to two on-chip analog to digital converters (ADC), and a single master to single slave serial interface to an off-chip external device. Both on-chip ADCs have access to all the analog channels. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |