Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 59Page - STMicroelectronics ST10F296 Datasheet HTML 60Page - STMicroelectronics ST10F296 Datasheet HTML 61Page - STMicroelectronics ST10F296 Datasheet HTML 62Page - STMicroelectronics ST10F296 Datasheet HTML 63Page - STMicroelectronics ST10F296 Datasheet HTML 64Page - STMicroelectronics ST10F296 Datasheet HTML 65Page - STMicroelectronics ST10F296 Datasheet HTML 66Page - STMicroelectronics ST10F296 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Internal Flash memory
63/346
5.5.5
Erase suspend, program and resume
A sector erase operation can be suspended in order to program (word or double word)
another sector.
Example: Sector erase of sector B3F1 of Bank 3 in XFlash module.
FCR0H|= 0x0800;
/*Set SER in FCR0H*/
FCR1H|= 0x0002;
/*Set B3F1*/
FCR0H|= 0x8000;
/*Operation start*/
Example: Sector erase suspend
FCR0H|= 0x4000;
/*Set SUSP in FCR0H*/
do
/* Loop to wait for LOCK=0 and BSY bit(s)=0 */
{tmp = FCR0L ;
} while( (tmp && 0x00E6) );
Example: Word program of data 0x5555AAAA at address 0x0C5554 in XFlash module.
FCR0H&= 0xBFFF;
/*Rst SUSP in FCR0H*/
FCR0H|= 0x2000;
/*Set WPG in FCR0H*/
FARL = 0x5554;
/*Load Add in FARL*/
FARH = 0x000C;
/*Load Add in FARH*/
FDR0L = 0xAAAA;
/*Load Data in FDR0L*/
FDR0H = 0x5555;
/*Load Data in FDR0H*/
FCR0H|= 0x8000;
/*Operation start*/
Once the program operation is finished, the erase operation can be resumed in the following
way:
FCR0H|= 0x0800;
/*Set SER in FCR0H*/
FCR0H|= 0x8000;
/*Operation resume*/
During the program operation in erase suspend, bits SER and SUSP are low. A word or
double word program during erase suspend cannot be suspended.
To summarize:
A sector erase can be suspended by setting SUSP bit
To perform a word program operation during erase suspend, bits SUSP and SER must
first be reset, then bits WPG and WMS can be set.
To resume the sector erase operation bit SER must be set again
It is forbidden to start any write operation when the SUSP bit is set
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com