Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 85Page - STMicroelectronics ST10F296 Datasheet HTML 86Page - STMicroelectronics ST10F296 Datasheet HTML 87Page - STMicroelectronics ST10F296 Datasheet HTML 88Page - STMicroelectronics ST10F296 Datasheet HTML 89Page - STMicroelectronics ST10F296 Datasheet HTML 90Page - STMicroelectronics ST10F296 Datasheet HTML 91Page - STMicroelectronics ST10F296 Datasheet HTML 92Page - STMicroelectronics ST10F296 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
The bootstrap loader
89/346
6.6.9
Alternate boot user software aspects
User defined alternate boot code must start at 09’0000h. A new SFR has been created on
ST10F296E to indicate that the device is running in alternate boot mode. Bit 5 of the
EMUCON register (mapped at 0xFE0Ah) is set when the alternate boot is selected by the
reset configuration. All other bits must be ignored when checking the content of this register
to read the value of bit5.
This bit is a read-only bit. It remains set until the next software or hardware reset.
EMUCON register
6.6.10
Internal decoding of test modes
The test mode decoding logic is located inside the ST10F296E bus controller.
The decoding is as follows:
Alternate boot mode decoding: (P0L.5 & P0L.4)
Standard bootstrap decoding: (P0L.5 & P0L.4)
Normal operation: (P0L.5 & P0L.4)
The other configurations select ST internal test modes.
6.6.11
Example of alternate boot mode operation
The reset configuration is latched on the rising edge of the RSTIN pin.
If bootstrap loader mode is not enabled (P0L[5..4] = 11), ST10F296E hardware starts a
standard hardware reset procedure.
If standard bootstrap loader is enabled (P0L[5..4] = 10), the standard ST10 bootstrap
loader is enabled and a variable is cleared to indicate that ABM is not enabled.
If alternate boot mode is selected (P0L[5..4] = 01), a predefined reset sequence may
be activated. This depends on the user/alternate boot mode signature check.
EMUCON (FE0Ah/05h)
SFR
Reset value: xxh
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
ABM
Reserved
-R
-
Table 43.
EMUCON register description
Bit
Bit name
Function
15-6
-
Reserved
5
ABM
ABM Flag (or TMOD3)
0: Alternate boot mode is not selected by reset configuration on
P0L[5..4]
1: Alternate boot mode is selected by reset configuration on P0L[5..4].
This bit is set if P0L[5..4] = 01 during hardware reset.
4-0
-
Reserved
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com