Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F296 Datasheet HTML 1Page - STMicroelectronics ST10F296 Datasheet HTML 2Page - STMicroelectronics ST10F296 Datasheet HTML 3Page - STMicroelectronics ST10F296 Datasheet HTML 4Page - STMicroelectronics ST10F296 Datasheet HTML 5Page - STMicroelectronics ST10F296 Datasheet HTML 6Page - STMicroelectronics ST10F296 Datasheet HTML 7Page - STMicroelectronics ST10F296 Datasheet HTML 8Page - STMicroelectronics ST10F296 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 346 page
background image
October 2008
Rev 2
1/346
1
ST10F296E
16-bit MCU with MAC unit, 832 Kbyte Flash memory
and 68 Kbyte RAM
Features
High performance 16-bit CPU with DSP
functions
– 31.25 ns instruction cycle time at 64 MHz
max CPU clock
– Multiply/accumulate unit (MAC) 16 x 16-bit
multiplication, 40-bit accumulator
– Enhanced boolean bit manipulation
facilities
– Single-cycle context switching support
Memory organization
– 512 Kbyte Flash memory (32-bit fetch)
– 320 Kbyte extension Flash memory
(16-bit fetch)
– 100 k erasing/programming cycles
– Up to 16 Mbyte linear address space for
code and data (5 Mbytes with CAN or I2C)
– 2 Kbyte on-chip internal RAM (IRAM)
– 66 Kbyte on-chip extension RAM (XRAM)
– Programmable external bus characteristics
for different address ranges
– Five programmable chip-select signals
– Hold-acknowledge bus arbitration support
Interrupt
– 8-channel peripheral event controller for
single cycle interrupt driven data transfer
– 16-priority-level interrupt system with 56
sources, sampling rate down to 15.6 ns
Timers
– Two multi-functional general purpose timer
units with 5 timers
Two 16-channel capture/compare units
Analog-to-digital converter (ADC)
– 32-channel 10-bit
–3 µs minimum conversion time
– TImer for ADC channel injection
4-channel PWM unit and 4-channel XPWM
Serial channels
– Two synchronous/asynch. serial channels
– Two high-speed synchronous channels
–I2C standard interface
Two CAN 2.0B interfaces operating on one or
two CAN busses (64 or 2 x 32 message
objects, C-CAN version)
Fail-safe protection
– Programmable watchdog timer
– Oscillator watchdog
On-chip bootstrap loader
Clock generation
– On-chip PLL and 4-12 MHz oscillator
– Direct or prescaled clock input
Real-time clock
Up to 143 general purpose I/O lines
– Individually programmable as input, output
or special function
– Programmable threshold (hysteresis)
Idle, power-down and stand-by modes
single voltage supply: 5 V ±10% (embedded
regulator for 1.8 V core supply).
Table 1.
Device summary
Order codes
Temp. range
(°C)
CPU freq. range
(MHz)
ST10F296
-40 to 125
1 to 64
ST10F296TR
PBGA 208
(23 x 23 x 1.96 mm)
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ST10F296

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F296 STMICROELECTRONICS-ST10F296 Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
More results

Similar Description - ST10F296

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD766 AD-AD766 Datasheet
310Kb / 8P
16-Bit DSP DACPORT
REV.A
logo
fujitsu semiconductor
MB86330 FUJITSU-MB86330 Datasheet
590Kb / 46P
16-bit Fixed-point DSP
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
16/32 BIT RISC/DSP
logo
National Semiconductor ...
HPC46100 NSC-HPC46100 Datasheet
436Kb / 32P
HPC46100 High-Performance microController with DSP Capability
logo
Cirrus Logic
CS48500 CIRRUS-CS48500 Datasheet
319Kb / 28P
Cost-effective, High-performance 32-bit DSP
logo
Freescale Semiconductor...
MSC7110 FREESCALE-MSC7110 Datasheet
148Kb / 8P
Low-Cost 16-Bit DSP with DDR Controller
logo
Asahi Kasei Microsystem...
AK4753 AKM-AK4753 Datasheet
981Kb / 85P
2-in, 4-out CODEC with DSP Functions
logo
Analog Devices
AD766 AD-AD766_15 Datasheet
313Kb / 8P
16-Bit DSP DACPORT
REV. A
logo
List of Unclassifed Man...
OCE11100 ETC2-OCE11100 Datasheet
1Mb / 3P
High performance with high CPU efficiency
logo
Cirrus Logic
CS48520 CIRRUS-CS48520 Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com