Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296 Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 74Page - STMicroelectronics ST10F296 Datasheet HTML 75Page - STMicroelectronics ST10F296 Datasheet HTML 76Page - STMicroelectronics ST10F296 Datasheet HTML 77Page - STMicroelectronics ST10F296 Datasheet HTML 78Page - STMicroelectronics ST10F296 Datasheet HTML 79Page - STMicroelectronics ST10F296 Datasheet HTML 80Page - STMicroelectronics ST10F296 Datasheet HTML 81Page - STMicroelectronics ST10F296 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
78/346
6.4
Standard bootstrap with CAN
6.4.1
Features
The bootstrap via CAN has the same overall behavior as the bootstrap via UART:
Same bootstrapping steps
Same bootstrap method: To analyze the timing of a predefined frame, send back an
acknowledge frame (on request only), load a fixed number of bytes and then run.
Same functionalities: To boot with different crystals and PLL ratios.
Figure 12.
CAN bootstrap loader sequence
1.
BSL initialization time > 1ms @ fCPU = 40 MHz
2.
Zero frame (CAN message: standard ID = 0, DLC = 0) sent by host
3.
CAN message (standard ID = E6h, DLC = 3, Data0 = D5h, Data1-Data2 = IDCHIP_low-high) sent by
ST10F296E on request.
4.
128 bytes of code/data, sent by host
5.
CAN1_TxD is only driven a certain time after reception of the zero byte (1.3 ms @ fCPU = 40 MHz).
6.
Internal boot ROM/Test-Flash
The bootstrap loader may be used to load the complete application software into ROM-less
systems. It may also load temporary software into complete systems for testing or
calibration. In addition, it may be used to load a programming routine for Flash devices.
The BSL mechanism may be used for standard system start-ups as well as for special
occasions like system maintenance (firmware update), end-of-line programming or testing.
RSTIN
CAN1_TxD
Int. boot ROM / Test-Flash BSL-routine
128 bytes
2)
3)
CAN1_RxD
CSP:IP
user software
4)
6)
P0L.4
1)
5)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com