Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 14Page - STMicroelectronics ST10F296 Datasheet HTML 15Page - STMicroelectronics ST10F296 Datasheet HTML 16Page - STMicroelectronics ST10F296 Datasheet HTML 17Page - STMicroelectronics ST10F296 Datasheet HTML 18Page - STMicroelectronics ST10F296 Datasheet HTML 19Page - STMicroelectronics ST10F296 Datasheet HTML 20Page - STMicroelectronics ST10F296 Datasheet HTML 21Page - STMicroelectronics ST10F296 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Description
ST10F296E
18/346
The ADC is not fully compatible with the ST10F280 (timing and programming model).
The formula for the convertion time is still valid, while the sampling phase programming
model is different.
The external memory bus potential limitations on maximum speed and maximum
capacitance load are under evaluation and may be introduced: ST10F296E will
probably not be able to address an external memory at 64 MHz with 0 wait states.
The XPERCON register bit mapping has been modified according to new peripheral
implementation (which is not fully compatible with ST10F280).
The bondout chip for emulation (ST10R201) cannot achieve more than 50 MHz at room
temperature (so, no real-time emulation is possible at maximum speed).
Input section characteristics are different. The threshold programmability is extended to
all port pins (additional XPICON register); it is possible to select standard TTL (with up
to 400 mV of hysteresis) and standard CMOS (with up to 750 mV of hysteresis).
Output transition is not programmable.
An RTC module has been added.
The CAN module has been enhanced: ST10F296E implements two C-CAN modules,
so the programming model is slightly different. The possibility to map both CAN
modules simultaneously has been added (on P4.5/P4.6).
The on-chip main oscillator input frequency range has been reshaped, reducing it from
1-25 MHz to 4-12 MHz. This is a high performance oscillator amplifier, that provides a
very high negative resistance and wide oscillation amplitude. When this on-chip
amplifier is used as a reference for the RTC module, the power-down consumption is
dominated by the consumption of the oscillator amplifier itself. A metal option is added
to offer a low power oscillator amplifier working in the range 4-8 MHz which allows a
power consumption reduction when the RTC is running in power-down mode using the
on-chip main oscillator clock as a reference.
The possibility to reprogram the internal XBus chip select window characteristics
(XRAM2 and XFlash address window) has been added.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com