Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 117Page - STMicroelectronics ST10F296 Datasheet HTML 118Page - STMicroelectronics ST10F296 Datasheet HTML 119Page - STMicroelectronics ST10F296 Datasheet HTML 120Page - STMicroelectronics ST10F296 Datasheet HTML 121Page - STMicroelectronics ST10F296 Datasheet HTML 122Page - STMicroelectronics ST10F296 Datasheet HTML 123Page - STMicroelectronics ST10F296 Datasheet HTML 124Page - STMicroelectronics ST10F296 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
121/346
13.1
I/O special features
13.1.1
Open-drain mode
Some of the I/O ports of the ST10F296E support the open-drain capability. This
programmable feature may be used with an external pull-up resistor to get an AND wired
logical function.
This feature is implemented for ports P2, P3, P4, P6, P7, P8, and XP9 (see Section 13.4,
Section 13.5, Section 13.6, Section 13.8, Section 13.9, Section 13.10, and Section 13.11)
and is controlled through the respective open-drain control registers ODPx (and the XODP9
register for XP9). These registers allow the individual bit-wise selection of the open-drain
mode for each port line. If the respective control bit ODPx.y is 0 (default after reset), the
output driver is in the push-pull mode. If ODPx.y is 1, the open-drain configuration is
selected (see Figure 30). All ODPx registers are located in the ESFR space. The XODP9
register is in the XBus space.
13.1.2
Input threshold control
The standard inputs of the ST10F296E determine the status of input signals according to
TTL levels. To accept and recognize noisy signals, CMOS input thresholds can be selected
instead of standard TTL thresholds for all pins. CMOS thresholds are defined above the TTL
thresholds and feature a higher hysteresis to prevent inputs from toggling while the
respective input signal level is near its threshold.
All options for individual direction and output mode control are available for each pin,
independent of the selected input threshold. The input hysteresis provides stable inputs
from noisy or slowly changing external signals (see Figure 31).
13.1.3
I/0 port registers
The port input control registers, PICON and XPICON, are used to select thresholds for each
byte of the indicated ports. This means the 8-bit ports P0L, P0H, P1L, P1H, P4, P7, and P8
are controlled by one bit each while ports P2, P3, and P5 are controlled by two bits each. In
addition, the registers XPICON9 and XPICON10 allow single bit input threshold control for
XP9 and XP10 respectively.
For XPort 9 and XPort 10, the bit-addressable feature is available via specific ‘set’ and ‘clear’
registers. These are:
●
XPICON9SET and XPICON9CLR for XPICON9
●
XPICON10SET and XPICON10CLR for XPICON10
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com