Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 122Page - STMicroelectronics ST10F296 Datasheet HTML 123Page - STMicroelectronics ST10F296 Datasheet HTML 124Page - STMicroelectronics ST10F296 Datasheet HTML 125Page - STMicroelectronics ST10F296 Datasheet HTML 126Page - STMicroelectronics ST10F296 Datasheet HTML 127Page - STMicroelectronics ST10F296 Datasheet HTML 128Page - STMicroelectronics ST10F296 Datasheet HTML 129Page - STMicroelectronics ST10F296 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
126/346
All port lines that are not used for alternate functions may be used as general purpose I/O
lines. When using port pins for general purpose output, the initial output value should be
written to the port latch prior to enabling the output drivers to avoid undesired transitions on
the output pins. This applies to single pins as well as to pin groups (see example below).
SINGLE_BIT:
BSET
P4.7
; Initial output level is "high"
BSET
DP4.7
; Switch on the output driver
BIT_GROUP:
BFLDH
P4, #24H, #24H
; Initial output level is "high"
BFLDH
DP4, #24H, #24H
; Switch on the output drivers
Note:
When using several BSET pairs to control several pins of one port, the pairs must be
separated by instructions which do not apply to the respective port (see Section 7: Central
processing unit (CPU) on page 92).
13.2
Port 0
The two 8-bit ports, P0H and P0L, represent the higher and lower part of Port 0,
respectively. Both halves of Port 0 can be written (for example via a PEC transfer) without
affecting the other half.
If this port is used for general purpose I/O, the direction of each line can be configured via
the corresponding direction registers, DP0H and DP0L.
13.2.1
Port 0 registers
P0L and P0H registers
P0L (FF00h/80h)
SFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
Reserved
P0L
.7
P0L
.6
P0L
.5
P0L
.4
P0L
.3
P0L
.2
P0L
.1
P0L
.0
-
RW
RW
RW
RW
RW
RW
RW
RW
P0H (FF02h/81h)
SFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
Reserved
P0H
.7
P0H
.6
P0H
.5
P0H
.4
P0H
.3
P0H
.2
P0H
.1
P0H
.0
-
RW
RW
RW
RW
RW
RW
RW
RW
Table 67.
P0L and P0H register description
Bit
Bit name
Function
15-8
-
Reserved
7-0
P0X.y
Port data register P0L or P0H bit y
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com