Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296 Datasheet(PDF) 188 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 184Page - STMicroelectronics ST10F296 Datasheet HTML 185Page - STMicroelectronics ST10F296 Datasheet HTML 186Page - STMicroelectronics ST10F296 Datasheet HTML 187Page - STMicroelectronics ST10F296 Datasheet HTML 188Page - STMicroelectronics ST10F296 Datasheet HTML 189Page - STMicroelectronics ST10F296 Datasheet HTML 190Page - STMicroelectronics ST10F296 Datasheet HTML 191Page - STMicroelectronics ST10F296 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Serial channels
ST10F296E
188/346
15.2
Asynchronous/synchronous serial interface (ASC1)
The XBus asynchronous/synchronous serial interfaces (ASC1) provides the same features
as ASC0. Baud rate formulae are the same. The main differences are the register interface
and interrupt management.
15.3
High speed synchronous serial interface (SSC0)
The high-speed synchronous serial interface, SSC0, provides flexible high-speed serial
communication between the ST10F296E and other microcontrollers, microprocessors or
external peripherals.
The SSC0 supports full-duplex and half-duplex synchronous communication. The serial
clock signal can be generated by the SSC0 itself (master mode) or be received from an
external master (slave mode). Data width, shift direction, clock polarity and phase are
programmable.
The SSC0 allows communication with SPI-compatible devices. Transmission and reception
of data is double-buffered. A 16-bit baud rate generator provides the SSC0 with a separate
serial clock signal. The SSC0 serial channel has its own dedicated 16-bit baud rate
generator with 16-bit reload capability, allowing the baud rate to be generated independently
from the timers.
Figure 66.
Synchronous serial channel SSC0 block diagram
Baud rate generator
SSC0 control
block
Pin
Internal bus
Clock control
CPU
clock
Slave clock
Master clock
SCLK0
Shift
clock
Status
Control
Receive interrupt request
Transmit interrupt request
Error interrupt request
16-bit shift register
Pin
control
Pin
Pin
MTSR0
MRST0
Transmit buffer
register SSCTB0
Receive buffer
register SSCRB0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com