Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4BT6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # CLT3-4BT6
Description  CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CLT3-4BT6
9/10
CLT
X
-
4
B
T6
Typical limited current
value, 3 = 3mA
Number of integrated channel
4 channels
EMC level
1000V according to IEC61000-4-5
Package
T6 = TSSOP20
ORDERING INFORMATION
GND
COOLING PAD
COMMON PAD
COM
IN1
ESD12
IN2
OUT1
OUT2
OUT4
OUT3
COM34
ESD34
COM
COM
IN3
IN4
COM12
VC
ESDC
COM
COM
COM
TSSOP20 PRINTED BOARD EXAMPLE
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
CLT3-4BT6
CLT3-4B
TSSOP20
0.074 g
74
Tube
CLT3-4BT6-TR
CLT3-4B
TSSOP20
0.074 g
2500
Tape & reel
s
Epoxy moulding resine meets UL 94,V0
OTHER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com