Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4BT6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CLT3-4BT6
Description  CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 5 Page - STMicroelectronics

  CLT3-4BT6 Datasheet HTML 1Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CLT3-4BT6
5/10
Symbol
Pin
Name
Conditions
Min.
Typ.
Max.
Unit
FMAX
IN-OUT
Input to output running frequency
200
Hz
tPLH
IN-OUT
Input activation propagation time
COUT = 22nF
6
µs
tPHL
IN-OUT
Input de-activation propagation
time
COUT = 22nF
10
µs
SWITCHING ELECTRICAL CHARACTERISTICS
(TJ = 25°C, VCC = 24V and COM pin voltage referred unless otherwise specified)
INPUT CHARACTERISTICS OF CLT3-4
30
25
20
15
10
5
0
30
5
2.1
3.7
0
0.5
1
1.5
2
2.5
3
3.5
4
V (V)
IN
I (mA)
IN
Fig. 1: Typical input characteristics of each CLT3-4 channel
IIim / IIim (25°C)
84%
86%
88%
90%
92%
94%
96%
98%
100%
102%
-25
0
25
50
75
100
125
V
IN = 27 V
V
IN = 5 V
Tj (°C)
Fig. 2: Typical current limiter variation versus junc-
tion temperature 0.9V < VOUT <2V
3.2
3.3
3.4
3.5
3.6
-25
0
25
50
75
100
125
Tj (°C)
VTH (V)
Fig. 3: Typical limiter threshold voltage variation
versus junction temperature for IIN = 2.1mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com