Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4BT6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # CLT3-4BT6
Description  CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CLT3-4BT6
6/10
CLT3-4 INPUT / OUTPUT TRANSFER CHARACTERISTICS (respect to common pin COM)
ISOLATOR ON
ISOLATOR OFF
Forbidden
Transition zone
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
2.5
3
3.5
4
0.04
2.1
3.7
I
(mA)
IN
I
(mA)
OUT
Fig. 4: Current tranfer characteristic
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
ISOLATOR ON
I
(mA)
OUT
V (V)
I
Fig. 5: Transconductance characteristic
The CLT device is used between the connector and the opto-coupler of an I/O module. To secure the
coupler off state and the non-conduction of its diode, the maximum CLT output current is 40µA with R opto
= 15k
Ω. When the CLT input voltage VIN is higher than 5 V, a minimum CLT output current of 1.5 mA will
secure the opto-coupler on state.
The CLT limiter is insensitive to the output voltage up to 2.0V. Therefore, its output is able to drive any state
of the art opto-coupler. Some additional device can be added in series with the opto-coupler if the output
voltage remains within its functional limits.
A stand-alone sensor is normally connected on the CLT input. For a good off state control, its quiescent
current has to be less than 1.5 mA (EN60947-5-2 standard compatible) keeping then the opto-coupler off
thanks to the CLT device (IOUT < 40µA). And its maximum ON state voltage VS-ON will be lower than 8 V
(EN60947-5-2 standard compatible) corresponding to the difference between the minimum supply voltage
(VCC MIN = 19.2V) and the maximum current limitation activation voltage VCC MIN =VS-ON +VI;VI =VIN +RI x
IIN MAX +VD (VI = 11 V when VIN =5V,RI = 1.2 k
Ω,IIN < 3.7 mA, VD = 1V).
APPLICATION DESCRIPTION
The input and supply pins are designed to withstand electromagnetic interferences. As shown on the
device block diagram, each channel input is protected by a clamping diode that is connected to the
common pin COM. Combined with a serial input resistance RI = 1.2 k
Ω, this clamping diode implements an
effective protection against transient voltage burst (±4 kV, IEC61000-4-4) and voltage surge (±1 kV,
IEC61000-4-5).
This combination allows the surge voltage to be applied from each input to other inputs, the ground and the
supply contacts in differential or common modes (see figure 6).
Thanks to its high resistance RC = 4.7 k
Ω and the conventional power supply protection that uses a
clamping diode such as the SM15T39C Transil™, the supply pin VC withstands IEC61000-4-5 with +/-
1000 V surge voltage (see figure 7).
Finally, an external output capacitor may be placed in parallel with the opto-coupler diode to filter the
transient disturbances injected in the inputs of the module and secure the immunity of the opto-coupler
itself.
SURGE VOLTAGE TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com