Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4BT6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CLT3-4BT6
Description  CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 1 Page - STMicroelectronics

  CLT3-4BT6 Datasheet HTML 1Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
CLT3-4BT6
August 2002 - Ed: 4A
CURRENT LIMITED OVER-VOLTAGE PROTECTED
QUAD DIGITAL TERMINATION
®
s
Reduced overall dissipation
s
Compact with high integration
s
Enables input to meet type 1 characteristic of IEC61131-2 standard
s
Compatible operation with 2 and 3 wires proximity sensor according EN60947-5-2 standard
s
Insensitive to the on state sensor impedance
s
Surface Mount Package for highly automated assembly
s
Enhanced functional reliability
BENEFITS
s
4 channels topology
s
Wide range input DC Voltage:
s
V
I = - 0.3 to 30V with RI =0
s
V
I = - 30 to 35V with RI = 1.2kΩ
s
Low side configuration with common ground
s
Current limiter:
s
I
GEN = 3mA
s
Input current limiter activation voltage < 5V
s
Temperature compensated operation
s
Opto-coupler drive:
s
No coupler activation below 1.5 mA input current
s
Input protection (RI = 1.2K
Ω):
s
IEC61000-4-2 electrostatic discharge ESD, Class 3
t
In contact, ±6kV; in air, ±8kV
t
Level B: temporary disruption; no change of opto-coupler state
s
IEC61000-4-5 voltage surge, Class 3
t
± 1000V with 42
Ω serial resistor in differential mode
t
Level B: temporary disruption
s
IEC61000-4-4 transient burst immunity
t
± 4kV peak voltage; 5kHz repetitive rate
t
Level A: fully functional
s
Operating ambient temperature: - 25 to 85°C
FEATURES
TSSOP20
s
Industrial Automation
s
Programmable Logic Controller
s
Communication field bus nodes
s
Peripheral Input / Output modules
s
Machine tool interface
APPLICATIONS


Similar Part No. - CLT3-4BT6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
CLT3-4BT6-TR STMICROELECTRONICS-CLT3-4BT6-TR Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
CLT3-4BT6-TR STMICROELECTRONICS-CLT3-4BT6-TR Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
More results

Similar Description - CLT3-4BT6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
PCLT-2A STMICROELECTRONICS-PCLT-2A Datasheet
569Kb / 18P
Dual current limited over-voltage protected digital termination
16-Nov-2005
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
CLT3-4B STMICROELECTRONICS-CLT3-4B_07 Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
CLT3-4B STMICROELECTRONICS-CLT3-4B Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
The serial current limited termination device
22-Feb-2010
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
High speed protected digital termination array
23-Apr-2013
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
Infineon Technologies A...
AUIRS2127S INFINEON-AUIRS2127S Datasheet
1Mb / 24P
Over Current Protected Single Channel Driver
June 12th, 2012
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
Load Switch IC with Over current limited function
2022-06-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com