Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2148 Datasheet(PDF) 57 Page - Dallas Semiconductor

Part # DS2148
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148 Datasheet(HTML) 57 Page - Dallas Semiconductor

Back Button DS2148 Datasheet HTML 53Page - Dallas Semiconductor DS2148 Datasheet HTML 54Page - Dallas Semiconductor DS2148 Datasheet HTML 55Page - Dallas Semiconductor DS2148 Datasheet HTML 56Page - Dallas Semiconductor DS2148 Datasheet HTML 57Page - Dallas Semiconductor DS2148 Datasheet HTML 58Page - Dallas Semiconductor DS2148 Datasheet HTML 59Page - Dallas Semiconductor DS2148 Datasheet HTML 60Page - Dallas Semiconductor DS2148 Datasheet HTML 61Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
DS2148/Q48
57 of 75
10.
DS21Q48 QUAD LIU
The DS21Q48 is a quad version of the DS2148G utilizing CABGA on carrier packaging technology. The
four LIUs are controlled via the parallel port mode. Serial and hardware modes are unavailable in this
package.
DS21Q48 PIN ASSIGNMENT Table 10-1
DS21Q48
PIN#
I/O
PARALLEL
PORT MODE
J1
I
Connect to VSS
K3
I
Connect to VSS
J2
I
RD*(DS*)
H1
I
WR*(R/W*)
K2
I
ALE(AS)
K1
I/O
A4
L1
I
A3
H11
I
A2
H12
I
A1
G12
I
A0
J10
I/O
D7/AD7
H10
I/O
D6/AD6
G11
I/O
D5/AD5
J9
I/O
D4/AD4
E3
I/O
D3/AD3
D4
I/O
D2/AD2
F3
I/O
D1/AD1
D5
I/O
D0/AD0
G4
I
VSM
K9
I/O
INT*
K7
I
TEST
L9
I
HRST*
J6
I
MCLK
L7
I
BIS0
M8
I
BIS1
M12
I
PBTS
J3
I
CS*1
D3
I
CS*2
D10
I
CS*3
K10
I
CS*4
K5
O
PBEO1
G3
O
PBEO2
E10
O
PBEO3
K8
O
PBEO4
L6
O
RCL/LOTC1
D7
O
RCL/LOTC2
F9
O
RCL/LOTC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com