Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2148 Datasheet(PDF) 66 Page - Dallas Semiconductor

Part # DS2148
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148 Datasheet(HTML) 66 Page - Dallas Semiconductor

Back Button DS2148 Datasheet HTML 62Page - Dallas Semiconductor DS2148 Datasheet HTML 63Page - Dallas Semiconductor DS2148 Datasheet HTML 64Page - Dallas Semiconductor DS2148 Datasheet HTML 65Page - Dallas Semiconductor DS2148 Datasheet HTML 66Page - Dallas Semiconductor DS2148 Datasheet HTML 67Page - Dallas Semiconductor DS2148 Datasheet HTML 68Page - Dallas Semiconductor DS2148 Datasheet HTML 69Page - Dallas Semiconductor DS2148 Datasheet HTML 70Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
DS2148/Q48
66 of 75
AC CHARACTERISTICS—NONMULTIPLEXED PARALLEL PORT
(BIS1 = 0, BIS0 = 1)
(-40
°C to +85°C; VDD = 5.0V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Setup Time for A0 to A4, Valid
to CS* Active
t1
0
ns
Setup Time for CS* Active to
Either RD*, WR*, or DS*
Active
t2
0
ns
Delay Time From Either RD*
or DS* Active to Data Valid
t3
75
ns
Hold Time From Either RD*,
WR*, or DS* Inactive to CS*
Inactive
t4
0
ns
Hold Time From CS* Inactive
to Data Bus 3-State
t5
5
20
ns
Wait Time From Either WR* or
DS* Active to Latch Data
t6
75
ns
Data Setup Time To Either
WR* or DS* Inactive
t7
10
ns
Data Hold Time From Either
WR* or DS* Inactive
t8
10
ns
Address Hold From Either WR*
or DS* Inactive
t9
10
ns
See Figure 12-4, Figure 12-5, Figure 12-6, and Figure 12-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com