Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9660 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 3Page - STMicroelectronics L9660 Datasheet HTML 4Page - STMicroelectronics L9660 Datasheet HTML 5Page - STMicroelectronics L9660 Datasheet HTML 6Page - STMicroelectronics L9660 Datasheet HTML 7Page - STMicroelectronics L9660 Datasheet HTML 8Page - STMicroelectronics L9660 Datasheet HTML 9Page - STMicroelectronics L9660 Datasheet HTML 10Page - STMicroelectronics L9660 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
DocID024714 Rev 2
7/49
L9660
Block diagram and pin description
48
1.3
Application schematic
Figure 2. Application schematic
50
N.C.
Not connected
-
-
51
N.C.
Not connected
-
-
52
N.C.
Not connected
-
-
53
N.C.
Not connected
-
-
54
N.C.
Not connected
-
-
55
N.C.
Not connected
-
-
56
N.C.
Not connected
-
-
57
GND1
Power Ground for Loop Channel 1
-
-
58
SQL1
Low Side Driver Output for Channel 1
Output
Pull-down
59
SQH1
High Side Driver Output for Channel 1
Output
Hi-Z
60
VRES1
Reserve Voltage for Loop Channel 1
Input
-
61
VRES0
Reserve Voltage for Loop Channel 0
Input
-
62
SQH0
High Side Driver Output for Channel 0
Output
Hi-Z
63
SQL0
Low Side Driver Output for Channel 0
Output
Pull-down
64
GND0
Power Ground for Loop Channel 0
-
-
Table 2. Pin description (continued)
Pin Number
Pin name
Description
I/O type
Reset state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com