Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9660 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 22Page - STMicroelectronics L9660 Datasheet HTML 23Page - STMicroelectronics L9660 Datasheet HTML 24Page - STMicroelectronics L9660 Datasheet HTML 25Page - STMicroelectronics L9660 Datasheet HTML 26Page - STMicroelectronics L9660 Datasheet HTML 27Page - STMicroelectronics L9660 Datasheet HTML 28Page - STMicroelectronics L9660 Datasheet HTML 29Page - STMicroelectronics L9660 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Functional description
L9660
26/49
DocID024714 Rev 2
Figure 9. Squib diagnostics block diagram
Short to battery/ground and loop to loop diagnostics
The leakage diagnostic includes short to battery, short to ground and a short between loop
tests. The test has to run for each SQHx and SQLx pin so that shorts can be detected
regardless of the resistance between the squib pins.
Normal short to battery/ground diagnostics.
For the test the internal VRCM is switched on and connected to the selected pin (SQHx or
SQLx) pin. The IPD bit selected OFF deactivates the pull-down current on the channel
under test and all other channels. During the test with no leakage present the voltage on the
selected SQHx or SQLx pin is equal to VBIAS and no current is sunk or sourced by VRCM.
If a leakage to ground, battery or to SQLy is present, the VRCM sinks or sources a current
less then ISVRCM trying to keep VBIAS. Two current comparators, ISTB and ISTG, detect the
abnormal current flow.
Loop to loop diagnostics
For this test the same procedure is followed except the pull-down current (IPD) is selected
to be ON that deactivates the pull-down current only on the channel under test with all other
channel pull-down currents active. If a short to ground fault is active, assuming it was not
active during normal short to battery/ground diagnostics, then that particular channel has a
short to another squib loop. To detect loop to loop shorts between ASICs in the system the
Stop diagnostics command with IPD enabled needs to be sent to the other ASICs before
running the loop to loop diagnostics on the channel to be monitored. If the channel being
monitored has a short to ground fault active, assuming it was not active during normal short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com