Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9660 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 19Page - STMicroelectronics L9660 Datasheet HTML 20Page - STMicroelectronics L9660 Datasheet HTML 21Page - STMicroelectronics L9660 Datasheet HTML 22Page - STMicroelectronics L9660 Datasheet HTML 23Page - STMicroelectronics L9660 Datasheet HTML 24Page - STMicroelectronics L9660 Datasheet HTML 25Page - STMicroelectronics L9660 Datasheet HTML 26Page - STMicroelectronics L9660 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
DocID024714 Rev 2
23/49
L9660
Functional description
48
During the first write, when the drivers are armed, all diagnostic functions are cleared. The
FIRE command must follow the ARM command along with the FEN function active for driver
activation. If a command is between the ARM and FIRE command then the sequence must
be restarted. An error response is received for the Fire command if the ARM/FIRE
sequence is not followed.
The ARM/FIRE commands and FEN function are independent from each other. The L9660
begins the tDEPLOY timer once a valid ARM/FIRE sequence has been received. If a valid
ARM/FIRE command has been sent and the FEN function is inactive then the drivers are
not activated but the tDEPLOY timer starts. If the FEN function becomes active before
tDEPLOY has expired then the drivers become active for the full tDEPLOY time. If the FEN
does not become active before tDEPLOY has expired then the sequence needs to be
restarted. A diagram illustrating this is shown in Figure 8.
Figure 8. Driver activation timing diagram
Only the channels selected in the ARM and, directly following, the FIRE command are
activated.
By reading the appropriate registers a status of the deployment is provided. If a valid
Arm/Fire sequence has been provided the status flag becomes active. This flag remains
active for as long as the TDEPLOY timer is counting. Depending on the state of the FEN
function the DEPLOY_STATUS flag is active a minimum of TDEPLOY and a maximum of 2 x
TDEPLOY. If driver activation did occur (both a valid Arm/Fire sequence and the appropriate
FEN function active within the appropriate time) then the DEPLOY_SUCCESS flag is active
following the completion of the driver activation period. This flag is active until cleared by
software. If a valid Arm/Fire sequence did occur but the FEN function was never activated
within the TDEPLOY time then the DEPLOY_SUCCESS flag remains ‘0’.
Once the Deploy Success Flag is set, it inhibits the subsequent deployment command until
a SPI command to clear this deployment success flag is received. Bits D7 through bit D0 are
used to clear/keep the deploy success flag. When these bits are set to ‘1,’ the flag can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com