Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9660 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 14Page - STMicroelectronics L9660 Datasheet HTML 15Page - STMicroelectronics L9660 Datasheet HTML 16Page - STMicroelectronics L9660 Datasheet HTML 17Page - STMicroelectronics L9660 Datasheet HTML 18Page - STMicroelectronics L9660 Datasheet HTML 19Page - STMicroelectronics L9660 Datasheet HTML 20Page - STMicroelectronics L9660 Datasheet HTML 21Page - STMicroelectronics L9660 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Functional description
L9660
18/49
DocID024714 Rev 2
3
Functional description
3.1
Overview
The L9660 is an integrated circuit to be used in air bag systems. Its main functions include
deployment of air bags. The L9660 supports 4 deployment loops.
3.2
General functions
3.2.1
Power on reset (POR)
The ASIC has a power on reset (POR) circuit, which monitors VDD voltage. When VDD
voltage falls below VRST1 for longer than or equal to tPOR, all outputs are disabled and all
internal registers are reset to their default condition. A second reset level, VRST2, also
monitors VDD but uses no filter time, so all outputs are disabled and all internal registers are
reset to their default condition when VDD falls below the reset threshold.
Figure 6. POR timing
3.2.2
RESETB
The RESETB pin is active low. The effects of RESETB are similar to those of a POR event,
except during a deployment. When a deployment is in-progress, the L9660 ignore the
RESETB signal.
However, it shuts itself down as soon as it detects a POR condition. When the deployment is
completed and RESETB signal is asserted, the L9660 disables its outputs and reset its
internal registers to their default states.
A de-glitch timer is provided for the RESETB pin. The timer protects this pin against
spurious glitches. The L9660 neglects RESETB signal if it is asserted for shorter than
tGLITCH. RESETB has an internal pull-up in case of an open circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com