Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9660 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 4Page - STMicroelectronics L9660 Datasheet HTML 5Page - STMicroelectronics L9660 Datasheet HTML 6Page - STMicroelectronics L9660 Datasheet HTML 7Page - STMicroelectronics L9660 Datasheet HTML 8Page - STMicroelectronics L9660 Datasheet HTML 9Page - STMicroelectronics L9660 Datasheet HTML 10Page - STMicroelectronics L9660 Datasheet HTML 11Page - STMicroelectronics L9660 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Electrical specifications
L9660
8/49
DocID024714 Rev 2
2
Electrical specifications
2.1
Absolute maximum ratings
The following maximum ratings are continuous absolute ratings; exceeding any one of these
values may cause permanent damage to the integrated circuit.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
(1)
Supply voltage
- 0.3 to 5.5
V
VSDIAG
Supply voltage for squib diagnostics
- 0.3 to 40
V
VRESx
VRES voltage (VRES0, VRES1, VRES2, VRES3)
- 0.3 to 40
V
SQHx
Squib high side drivers (SQH0, SQH1, SQH2, SQH3)
- 0.6 to 40
V
SQLx
Squib low side drivers (SQL0, SQL1, SQL2, SQL3)
- 0.3 to 40
V
TEST
Test pin
-0.3 to 40
V
VI
Discrete input voltage (RESETB, CS_D, SCLK, MOSI,
FEN1, FEN2, IREF)
- 0.3 to 5.5
V
VO
Discrete output voltage (MISO, AOUT)
- 0.3 to 5.5
V
AGND
Analog output reference
-0.3 to 5.5
V
GNDx
Ground (GND0, GND1, GND2, GND3)
-0.3 to 5.5
V
Tj
(2)
Maximum steady-state junction temperature
150
°C
Tamb
Ambient temperature
-40 to 95
°C
Tstg
Storage temperature
-65 to 150
°C
Rth j amb
Thermal resistance junction to ambient (on FR-4 board)
46
°C/W
The following maximum ratings are up to 48 hours; exceeding any one of these values for longer than a total time of
48 hours may cause permanent damage to the integrated circuit.
VDD
Supply voltage
- 0.3 to 6.0
V
VI
Discrete input voltage (RESETB, CS_D, SCLK, MOSI,
FEN1, FEN2, IREF)
- 0.3 to 6.0
V
VO
Discrete output voltage (MISO, AOUT)
- 0.3 to 6.0
V
AGND
Analog output reference
-0.3 to 6.0
V
GNDx
Ground (GND0, GND1, GND2, GND6, GND7)
-0.3 to 6.0
V
Tj
(2)
Maximum steady-state junction temperature
150
°C
Tamb
Ambient temperature
-40 to 95
°C
Tstg
Storage temperature
-65 to 150
°C
Rth j amb
Thermal resistance junction to ambient (on FR-4 board)
46
°C/W
1.
Exceeding a VDD of 5.1V during a deployment may cause damage
2.
To allow for deployment the maximum steady state junction temperature cannot exceed 130°C. Under the operating ratings
defined in Section 2.3 the steady state junction temperature does not exceed 130°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com