Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC600 Datasheet(PDF) 28 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 28 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 22Page - Espros Photonics corp EPC600 Datasheet HTML 23Page - Espros Photonics corp EPC600 Datasheet HTML 24Page - Espros Photonics corp EPC600 Datasheet HTML 25Page - Espros Photonics corp EPC600 Datasheet HTML 26Page - Espros Photonics corp EPC600 Datasheet HTML 27Page - Espros Photonics corp EPC600 Datasheet HTML 28Page - Espros Photonics corp EPC600 Datasheet HTML 29Page - Espros Photonics corp EPC600 Datasheet HTML 30Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
3.3.6. Cycle times & response time
For a common understanding, we distinguish between the cycle and the response times.
The following examples use:
■ 10MHz modulation frequency at the LED pin.
■ An integration time of 103μs.
■ A 2-wire serial clock SCLK of 1MHz.
Integration time
The integration time tINT is the timeframe in which the light is sampled by the sensor (refer to chapter 3.2.1.: Command: Commands & Inte-
gration times). It is equal the exposure time (where a shutter is open for passing the light to the sensor).
Measurement time
The time the epc600 device needs to execute a measurement from the point of receiving the command until it responds.
t
MEAS = 4 ⋅t INT + 770 μ s
e.g. tmeas = 4⋅103μ s + 770μ s = 1'182μ s
Communication time
It is the period from the end of the measurement until the next start in a continuous mode manner (refer to Figure 12). It is the real commu-
nication time used by the 2-wire interface and all the additional time the microprocessor needs to send the next command to the chip.
Example:
Command write:
1 check bit + 1 start bit + 8 command bits
Read response:
1 check bit + 1 start bit + 16 data bits
2-wire serial clock SCKL:
1MHz
Communication time tCOM
e.g. tcom = 10⋅1 μ s + 18⋅1 μ s = 28μ s
Data processing time
It is the period tPROCESS needed by the microprocessor for the final result: “calculation distance & quality” (refer to Figure 12)
Measurement cycle time
The measurement cycle time tCYCLE includes the duration to execute a complete measurement cycle until the next cycle propagation is pos-
sible (refer to Figure 12).
t
CYCLE = tMEAS + t COM + t PROCESS
e.g. tCYCLE = 1'182 μ s + 28 μ s + 100μ s = 1'310μ s
Response time
The response time denotes the necessary time interval to change the distance output DIST of the microprocessor from one state to the
other (refer to Figure 11). The maximum response time tRESPONSE of the range-finder system is given by
t
RESPONSE = 2 ⋅ tCYCLE
e.g. tRESPONSE = 2⋅1'310 μ s = 2'620μ s
LED on-time and LED duty cycle
For the power dissipation estimation of the emitter LED (at pin LED), the LED on-time and the duty cycle are of importance. The following
time periods have to be taken into consideration:
■ tINT
: during the integration period, the LED outputs are active for 50% of the time.
■ tMEAS
: there are 4 integration periods t INT per measurement cycle tMEAS.
■ tCOM
: during the communication time the LED outputs are not active.
The formula for the LED on-time is:
t
LED
−ON = 4 ⋅
t
INT
2
+ 15 μ s
e.g.
t
LED
−ON = 4 ⋅
103
μs
2
+ 15μ s = 221μ s
The LED duty cycle DCLED-ON for LED on-time versus the cycle time is
DC
LED
−ON =
t
LED
−ON
t
CYCLE
e.g.
DC
LED
−ON =
221
μ s
1'310
μ s
= 17%
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
28 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com