Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC600 Datasheet(PDF) 17 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 17 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 13Page - Espros Photonics corp EPC600 Datasheet HTML 14Page - Espros Photonics corp EPC600 Datasheet HTML 15Page - Espros Photonics corp EPC600 Datasheet HTML 16Page - Espros Photonics corp EPC600 Datasheet HTML 17Page - Espros Photonics corp EPC600 Datasheet HTML 18Page - Espros Photonics corp EPC600 Datasheet HTML 19Page - Espros Photonics corp EPC600 Datasheet HTML 20Page - Espros Photonics corp EPC600 Datasheet HTML 21Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
2. Hardware Design
2.1. What performance can be achieved?
A typical example of an application is a very small, single spot distance gauge (refer to Figure 17).
epc600 chip
with IR filter on top
Illumination LEDs
Figure 17: Low power, high performance distance gauge.
Size: 32 x 22 x 25 mm
Figure 18: Chip on PCB board
In this example, a range of up to 4m can be expected on white targets when using: two SFH4059 LEDs directly driven by the LED pin with
a collimator lens of 17mm focal length, a receiver lens of approx. 15x15mm with a focal length of 17 mm and an integration time t int of
410µs.
The response time in this application is:
t
RESPONSE = 2⋅( 4⋅t INT+0.798ms ) + 0.1ms = 4.976ms
(refer also to chapter: Response time).
LED1
NC3
NC4
VREF
VDDIO
VDDHPX
VDDPX
VDDCP
VDDBS
XTAL1
XTAL2
VDDT
GNDM
SDATA
SCLK
HLLED/NC2
NC1
VDDPLL
VDDCORE
GNDLED
GNDPLL
GNDA
GND
VDD
epc600
1
2
3
4
5
6
7
8
9
10
11
12
13
14
17
18
19
20
21
22
23
24
VDD +8.5V
D1
BAS40
C9
C8
C7
C6
C5
C4
C3
10n
100n
1μ
3μ3
3μ3
3μ3
1μ
LED1
SFH4059
LED2
SFH4059
R2
4k7
R1
27R
C12
100n
GND
Low Z, fast switching connection (as short and wide conductors as possible)
15
16
C11
27p
C10
27p
Y1
4MHz
C2
1μ
C1
10μ
GND
+
D1A
BAV99
D1B
BAV99
VDDBS -5.0V
R3
0R
R4
1k
Microprocessor
SCLK
SDATA
+5V
R4
10k
Figure 19: Minimum part count application
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
17 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com