Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC600 Datasheet(PDF) 5 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 5 Page - Espros Photonics corp

  EPC600 Datasheet HTML 1Page - Espros Photonics corp EPC600 Datasheet HTML 2Page - Espros Photonics corp EPC600 Datasheet HTML 3Page - Espros Photonics corp EPC600 Datasheet HTML 4Page - Espros Photonics corp EPC600 Datasheet HTML 5Page - Espros Photonics corp EPC600 Datasheet HTML 6Page - Espros Photonics corp EPC600 Datasheet HTML 7Page - Espros Photonics corp EPC600 Datasheet HTML 8Page - Espros Photonics corp EPC600 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Symbol
Parameter
Conditions / Comments
Min.
Typ.
Max.
Unit
tINT
Integration time
refer to Figure 14,
programmable in 16 binary steps
1.60
52'600
μs
tMEAS
Measurement time
refer to Figure 14
0.8
1.2
212
ms
DR
Dynamic range
fixed integration time
using integration times 1.6μs, 13.2μs, 205μs
using the full range of integration times
32
80
110
dB
dB
dB
DUA
Operating range
unambiguity range,
@10MHz LED modulation frequency
15.0
m
ΔDRES
Distance resolution
@10MHz LED modulation frequency,
≙ 1 LSB
0.5
cm
ΔD
Distance noise
single shot, 1σ value,
ratio ambient-light : modulated light < 60dB
ratio ambient-light : modulated light < 70dB
for amplitude values inside AC dynamic range
2.5
12.0
mm
mm
DOFFSET
Distance offset
compensation to be done by the external micro -
processor
ΔDDRIFT
Distance drift
@ temperature range from -20°C to +65°C;
compensation to be done by the external micro -
processor
Table 2 cont.: Timing and optical characteristics
Other Parameters
Operational Ratings and λ = 850±50nm, AOI = 0°, LED modulation frequency = 10MHz - unless otherwise specified.
Sensitivity: epc600
with bandpass filter
without filter
@ integration time 103μs
640nm
± 27.5nm
860nm
± 32.5nm
940nm
± 30nm
sunlight
equivalent
max. AC amplitude (1'000 LSB)
407 nW/mm2
310 nW/mm2
407 nW/mm2
min. ambient-light suppression ESup
53 W/m2
70 klx
40 W/m2
69 klx
53 W/m2
192 klx
Table 3: Sensitivity and ambient-light suppression vs. wavelength
500
600
700
800
900
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Wavelength [nm]
0
10
20
30
40
50
60
70
80
90
1.00
10.00
100.00
500nm
630nm
850nm
950nm
Angle of incidence (deg)
Figure 2: Relative spectral sensitivity (Sλ)
sensitivity SAC vs. wavelength
Figure 3: Reflectance vs. illumination angle (AOI)
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
5 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com