Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC600 Datasheet(PDF) 4 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 4 Page - Espros Photonics corp

  EPC600 Datasheet HTML 1Page - Espros Photonics corp EPC600 Datasheet HTML 2Page - Espros Photonics corp EPC600 Datasheet HTML 3Page - Espros Photonics corp EPC600 Datasheet HTML 4Page - Espros Photonics corp EPC600 Datasheet HTML 5Page - Espros Photonics corp EPC600 Datasheet HTML 6Page - Espros Photonics corp EPC600 Datasheet HTML 7Page - Espros Photonics corp EPC600 Datasheet HTML 8Page - Espros Photonics corp EPC600 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Timing and optical Characteristics
Operational Ratings - unless otherwise specified.
Symbol
Parameter
Conditions / Comments
Min.
Typ.
Max.
Unit
tON
Power-up rise time
at VDD
1
10
ms
tINIT
Start-up time
100
ms
tOFF
Power drop-down time
at VDD
1
10
ms
fXTAL
Center frequency
of the crystal oscillator (or ceramic resonator)
4
MHz
ΔfXTAL
Frequency deviation
of the oscillator,
any deviation is added as a linear distance error
±100
ppm
ΔφXTAL
Phase jitter
of the oscillator, peak-to-peak, cycle to cycle
50
ps
fSCLK
Clock frequency
of SCLK, 2-wire interface
10
MHz
tSCLK
Cycle time
of SCLK2, 2-wire interface, SCLK = 1/fSCLK
100
ns
tH / tL
HIGH / LOW period
of SCLK2, 2-wire interface, refer to Table 8
50ns
1.0ms
ns
fMOD
LED modulation
frequency at pin LED
see Figure 14,
standard products fixed 10MHz,
(customer specific factory setting possible:
1.25 - 10MHz)
10
MHz
tLED-rise/fall
Required rise/fall time
of the illumination LED
@ 50 ohm load
Remark: Use high speed LEDs with short switch-
ing times e.g. Osram SFH4059,
Vishay VSMB2000, Stanley DNK5306, etc.
12
ns
ASENSOR
Photosensitive area
of the sensor
320x320
μm
SAC
AC sensitivity
(conversion rate)
for distance measurement (modulated light), refer
to Table 3 and Figure 14.
@ λ = 850±50nm, Integration time = 103 μsec.
Note: The chip does internal an averaging over
the sensitive area, refer to chapter 1.3.4.
31
nW
/ cm
2
LSB
SDC
DC sensitivity
(conversion rate)
for ambient-light measurement (unmodulated
light), refer to Table 3 and Figure 14
@ λ = 850±50nm, Integration time = 103 μsec.
Note: The chip does internal an averaging over
the sensitive area, refer to chapter 1.3.4.
12.3
nW
/ cm
2
LSB
AAC
Received modulated light
amplitude
dynamic range for distance measurement
50
1'000
LSB
ADC
Ambient-light
amplitude
dynamic range for ambient-light measurement
50
1'000
LSB
ESup
Ambient-light suppres-
sion
@ λ = 850±50nm, Integration time = 103 μsec,
total power on sensor area
40
4
W/m2
μW/Sensor
λmax
Peak wavelength
maximum sensitivity, see Figure 2
850
nm
λ
Wavelength range
operating range
550
1'000
nm
φ50%
Half angle
see Figure 3
±60
deg
Table 2: Timing and optical characteristics
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
4 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com