Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC600 Datasheet(PDF) 14 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 14 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 10Page - Espros Photonics corp EPC600 Datasheet HTML 11Page - Espros Photonics corp EPC600 Datasheet HTML 12Page - Espros Photonics corp EPC600 Datasheet HTML 13Page - Espros Photonics corp EPC600 Datasheet HTML 14Page - Espros Photonics corp EPC600 Datasheet HTML 15Page - Espros Photonics corp EPC600 Datasheet HTML 16Page - Espros Photonics corp EPC600 Datasheet HTML 17Page - Espros Photonics corp EPC600 Datasheet HTML 18Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Step Sensor status
Saturated pixels
Valid pixels
Modulated light
amplitude
Ambient to
modulated light
Action
MAX_SAT_PIX
MIN_VALID_PIX
AAC
AMR
1
Saturation or bright ob-
ject within scene
> max. limit (e.g. 5)
Repeat measurement with
decreased integration time and/or illumination
2
Saturation or bright ob-
ject within scene
< max. limit
< min. limit (e.g. 60)
Repeat measurement with
decreased integration time and/or illumination
3
Over-exposure or bright
object within scene
< max. limit
> min. limit
> 1'000 LSB
Repeat measurement with
decreased integration time or illumination
4
No object detected
< max. limit
> min. limit
<
50 LSB
Repeat measurement with
increased integration time or illumination
5
Too much ambient-light
< max. limit
> min. limit
50 LSB … 1'000 LSB
> 60 db (or > 70 dB)
Repeat measurement with
increased integration time or illumination
6
Object detected
< max. limit
> min. limit
Excellent: 100 … 1'000 LSB
Sufficient
50 … 100 LSB
< 60 db (or < 70 dB)
No action necessary
Note: min. and max limits are customer defined acceptable values depending on the application
Table 6: Quality decision matrix
1.3.5. Ambient-light measurement (optical power-meter)
Instead of reading distance data, the epc600 chip can measure the ambient-light level (Refer to 3.2.1.: Command: Commands & Integra-
tion times and 3.2.5.: Response: Ambient-light level). Functions of this feature are:
■ Use to compensate deviations in the distance measurement caused by the presence of ambient-light.
■ Monitor the ambient-light level during the distance measurement to prevent faulty conditions.
■ Use the ecp600 as an optical power-meter (“Luxmeter”) e.g. for brightness control.
■ or in combination e.g. where the presence or absence of an object in the environmental illumination needs to be controlled.
The measured irradiance EDC (uncalibrated) of the received ambient-light at the sensor surface can be calculate out of the DC sensitivity
SDC, the used integration time t INT-DC, the reference integration time t INT-REF-DC and the amplitude ADC of the received modulated signal (refer to
chapter 3.2.5.: Response: Ambient-light level) in the following way:
EDC
= SDC⋅
t
INT-REF-DC
t
INT-DC
⋅ ADC
e.g.
E
DC = 12.3
nW
/cm
2
LSB
⋅
103
μ s
1.6
μ s
⋅1'000 LSB = 792μ W /cm
2
Notes:
■ The quality indicator for the ambient-light measurement is the ambient-light amplitude ADC. The rules to apply are the same as for the
modulated light amplitude.
■ The ambient-light measurement is a metering functionality only, which can be used for distance correction or ambient-light reading. It is
completely independent of the chip internal ambient-light suppression function that eliminates DC light components from the measure -
ment signal (refer to chapter 1.3.3.: Ambient-light suppression).
1.3.6. Temperature metering
An on-chip temperature sensor provides uncalibrated temperature readings. The data access follows the protocol in Figure 13, second
section.
■ This allows compensation of signal drifts caused by changing thermal conditions in the light source and the sensor.
■ If the user does his own calibration (e.g. °C or F), he can use it as a temperature sensor too.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
14 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com