Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F3W Datasheet(PDF) 90 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 90 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 94Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 167 page
background image
Rev. 1.50
90
De�e��e� 01� �01�
Rev. 1.50
91
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Standard Type TM – STM
TheStandardTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheStandardTMcan
alsobecontrolledwithanexternalinputpinandcandrivetwoexternaloutputpins.
Name
TM No.
TM Input Pin
TM Output Pin
1�-�it STM
�
TCK�
TP�_0� TP�_1
Standard TM Operation
Thereisa16-bitwideSTM.Atthecoreisa16-bitcount-upcounterwhichisdrivenbyauser
selectableinternalorexternalclocksource.Therearealsotwointernalcomparatorswiththenames,
ComparatorAandComparatorP.Thesecomparatorswillcomparethevalueinthecounterwith
CCRPandCCRAregisters.TheCCRPcomparatoris8-bitwidewhosevalueiscomparedthewith
highest8bitsinthecounterwhiletheCCRAisthesixteenbitsandthereforecomparesallcounter
bits.
Theonlywayofchangingthevalueofthe16-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheT2ONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheStandard
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.
CCR P
CCR A
T2 CCL R
Co m par at or P M at ch
Co m par at or A Ma tc h
T2 CK 2~ T2 CK 0
T2 ON
T2 PA U
b8~ b15
8- bi t Co m par at or P
16- bi t Co m par at or A
C oun te r Cl ear
16 -b it C oun t- up C oun te r
T2 PF In te rr upt
T2 AF In te rr upt
TP 2 Pi n
In put /O ut pu t
b0~ b15
E dge
De te ct or
T2 IO 1, T 2I O0
T2 M1 , T2 M0
T2 IO 1, T 2I O0
T2 PO L
T2 OC
Po la ri ty
Co n tr ol
Ou tp ut
Co n tr ol
TP 2_ 0
TP 2_ 1
TC K2
111
000
001
010
011
100
101
110
f SYS /4
f SYS
f H /1 6
f H /6 4
f TB C
Re se rv ed
0
1
Standard Type TM Block Digram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com