Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 135 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 135 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 139Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 190 page
background image
Rev. 1.10
13�
De�e��e� 1�� �01�
Rev. 1.10
135
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Bit0
TEIE:TransmitterEmptyinterruptenablecontrol
0:Transmitteremptyinterruptisdisabled
1:Transmitteremptyinterruptisenabled
Thisbitenablesordisablesthetransmitteremptyinterrupt.Ifthisbitisequalto"1"
andwhenthetransmitteremptyflagTXIFisset,duetoatransmitteremptycondition,
theUARTinterruptrequestflagwillbeset.Ifthisbitisequalto"0",theUART
interruptrequestflagwillnotbeinfluencedbytheconditionoftheTXIFflag.
TXRRXR Register
Bit
7
6
5
4
3
2
1
0
Na�e
TXRXD7 TXRXD� TXRXD5 TXRXD� TXRXD3 TXRXD� TXRXD1 TXRXD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x” unknown
Bit7~0
TXRXD7~TXRXD0:UARTTransmit/ReceiveDatabit7~bit0
BRG Register
Bit
7
6
5
4
3
2
1
0
Na�e
BRGD7
BRGD�
BRGD5
BRGD�
BRGD3
BRGD�
BRGD1
BRGD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x” unknown
Bit7~0
BRGD7~BRGD0:BaudRatevalues
ByprogrammingtheBRGHbitinUCR2Registerwhichallowsselectionofthe
relatedformuladescribedaboveandprogrammingtherequiredvalueintheBRG
register,therequiredbaudratecanbesetup.
Note:Baudrate=fSYS/[64×(N+1)]ifBRGH=0.
Baudrate=fSYS/[16×(N+1)]ifBRGH=1.
Baud Rate Generator
Tosetupthespeedoftheserialdatacommunication,theUARTfunctioncontainsitsowndedicated
baudrategenerator.Thebaudrateiscontrolledbyitsowninternalfreerunning8-bittimer,the
periodofwhichisdeterminedbytwofactors.Thefirstoftheseisthevalueplacedinthebaudrate
registerBRGandthesecondisthevalueoftheBRGHbitwiththecontrolregisterUCR2.The
BRGHbitdecidesifthebaudrategeneratoristobeusedinahighspeedmodeorlowspeedmode,
whichinturndeterminestheformulathatisusedtocalculatethebaudrate.ThevalueNintheBRG
registerwhichisusedinthefollowingbaudratecalculationformuladeterminesthedivisionfactor.
NotethatNisthedecimalvalueplacedintheBRGregisterandhasarangeofbetween0and255.
UCR2 BRGH Bit
0
1
Baud Rate (BR)
fSYS / [�� (N+1)]
fSYS / [1� (N+1)]
ByprogrammingtheBRGHbitwhichallowsselectionoftherelatedformulaandprogrammingthe
requiredvalueintheBRGregister,therequiredbaudratecanbesetup.Notethatbecausetheactual
baudrateisdeterminedusingadiscretevalue,N,placedintheBRGregister,therewillbeanerror
associatedbetweentheactualandrequestedvalue.ThefollowingexampleshowshowtheBRG
registervalueNandtheerrorvaluecanbecalculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com