Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 136 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 136 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 140Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 190 page
background image
Rev. 1.10
13�
De�e��e� 1�� �01�
Rev. 1.10
137
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Calculating the Register and Error Values
Foraclockfrequencyof4MHz,andwithBRGHclearedtozerodeterminetheBRGregistervalueN,
theactualbaudrateandtheerrorvalueforadesiredbaudrateof4800.
FromtheabovetablethedesiredbaudrateBR=fSYS/[64(N+1)]
Re-arrangingthisequationgivesN=[fSYS/(BR×64)]-1
GivingavalueforN=[4000000/(4800×64)]-1=12.0208
Toobtaintheclosestvalue,adecimalvalueof12shouldbeplacedintotheBRGregister.Thisgives
anactualorcalculatedbaudratevalueofBR=4000000/[64×(12+1)]=4808
Thereforetheerrorisequalto(4808-4800)/4800=0.16%
ThefollowingtablesshowactualvaluesofbaudrateanderrorvaluesforthetwovaluesofBRGH.
Baud Rate
K/BPS
Baud Rates for BRGH=0
fSYS=4MHz
fSYS=3.579545MHz
fSYS=7.159MHz
BRG
Kbaud Error (%)
BRG
Kbaud Error (%)
BRG
Kbaud Error (%)
0.3
�07
0.300
0.1�
185
0.300
0.00
—
—
—
1.�
51
1.�0�
0.1�
��
1.190
-0.83
9�
1.�03
0.�3
�.�
�5
�.�0�
0.1�
��
�.�3�
1.3�
��
�.380
-0.83
�.8
1�
�.808
0.1�
11
�.��1
-�.90
��
�.8�3
1.3�
9.�
�
8.9�9
-�.99
5
9.3�1
-�.90
11
9.33�
-�.90
19.�
�
�0.833
8.51
�
18.��3
-�.90
5
18.��3
-�.90
38.�
—
—
—
—
—
—
�
3�.�8�
-�.90
57.�
0
��.500
8.51
0
55.930
-�.90
1
55.930
-�.90
115.�
—
—
—
—
—
—
0
111.859
-�.90
Baud Rates and Error Values for BRGH=0
Baud Rate
K/BPS
Baud Rates for BRGH=1
fSYS=4MHz
fSYS=3.579545MHz
fSYS=7.159MHz
BRG
Kbaud
Error (%)
BRG
Kbaud
Error (%)
BRG
Kbaud Error (%)
0.3
—
—
—
—
—
—
—
—
—
1.�
�07
1.�0�
0.1�
185
1.�03
0.�3
—
—
—
�.�
103
�.�0�
0.1�
9�
�.�0�
0.�3
185
�.�0�
0.�3
�.8
51
�.808
0.1�
��
�.7�
-0.83
9�
�.811
0.�3
9.�
�5
9.�15
0.1�
��
9.7�7
1.3�
��
9.5�0
-0.83
19.�
1�
19.�31
0.1�
11
18.��3
-�.90
��
19.�5�
1.3�
38.�
�
35.71�
-�.99
5
37.�8�
-�.90
11
37.�8�
-�.90
57.�
3
��.5
8.51
3
55.930
-�.90
7
55.930
-�.90
115.�
1
1�5
8.51
1
111.8�
-�.90
3
111.8�
-�.90
�50
0
�50
0
—
—
—
—
—
—
Baud Rates and Error Values for BRGH=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com