Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F360 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 9Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 11Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 12Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 13Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 14Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 235 page
background image
Rev. 1.30
1�
�ove��e� 1�� �01�
Rev. 1.30
13
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Pin Descriptions
Withtheexceptionofthepowerpinsandsomerelevanttransformercontrolpins,allpinsonthese
devicescanbereferencedbytheirPortname,e.g.PA0,PA1etc,whichrefertothedigitalI/O
functionofthepins.HoweverthesePortpinsarealsosharedwithotherfunctionsuchasTimer
Modulepinsetc.Thefunctionofeachpinislistedinthefollowingtable,howeverthedetailsbehind
howeachpinisconfigurediscontainedinothersectionsofthedatasheet.
HT69F340
Pin Name
Function OPT
I/T
O/T
Description
PA0/I�T1/
ICPDA/OCDSDA
PA0
PAWU
PAPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
I�T1
I�TEG
I�TC0
SFS
ST
Exte�nal Inte��upt 1
ICPDA
ST CMOS ICP add�ess/data
OCDSDA
ST CMOS OCDS add�ess/data� fo� EV chip only
PA1/CTP_1/SDO
PA1
PAWU
PAPU
PAFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
CTP_1
PAFS
CMOS CTM output
SDO
PAFS
CMOS SPI data output
PA�/CTCK/
ICPCK/OCDSCK
PA�
PAWU
PAPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
CTCK
SFS
ST
CTM clock input
ICPCK
ST
ICP clock pin
OCDSCK
ST
OCDS clock pin� fo� EV chip only
PA3/PTCK/SDI/
SDA
PA3
PAWU
PAPU
PAFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
PTCK
SFS
ST
PTM clock input
SDI
PAFS
ST
SPI data input
SDA
PAFS
ST �MOS IC data line
PA4/I�T0
PA4
PAWU
PAPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
I�T0
I�TEG
I�TC0
ST
Exte�nal Inte��upt 0
PA5/PTP_�/
SCK/SCL
PA5
PAWU
PAPU
PAFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
PTP_�
PAFS
CMOS PTM output
SCK
PAFS
ST CMOS SPI Se�ial Clock
SCL
PAFS
ST �MOS IC Clock
PA�/CTP_0/SCS
PA�
PAWU
PAPU
PAFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
CTP_0
PAFS
CMOS CTM output
SCS
PAFS
ST CMOS SPI Slave select
PA7/RES
PA7
PAWU
PAPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
RES
CO
ST
Exte�nal �eset pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com