Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F360 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 17Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 18Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 19Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 20Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 21Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 22Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 235 page
background image
Rev. 1.30
1�
�ove��e� 1�� �01�
Rev. 1.30
19
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Pin Name
Function OPT
I/T
O/T
Description
PD7/SEG7/
PTPB_1
PD7
PDPU
PDFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG7
PDFS
SFSR
AO
LCD d�ive� output fo� LCD panel seg�ent
PTPB_1 PDPS
SFSR
CMOS PTM inve�ted output
PE0/SEG�
PE0
PEPU
PEFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�
PEFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PE1/SEG9
PE1
PEPU
PEFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG9
PEFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PE�/SEG10
PE�
PEPU
PEFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG10
PEFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PE3/SEG11
PE3
PEPU
PEFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG11
PEFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PE4/SEG1�
PE4
PEPU
PEFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG1�
PEFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PE5/SEG13
PE5
PEPU
PEFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG13
PEFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PE�/SEG14
PE�
PEPU
PEFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG14
PEFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PE7/SEG15
PE7
PEPU
PEFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG15
PEFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PF0/SEG1�
PF0
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG1�
PFFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PF1/SEG17
PF1
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG17
PFFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PF�/SEG1�
PF�
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG1�
PFFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PF3/SEG19
PF3
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG19
PFFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PF4/SEG�0
PF4
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�0
PFFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PF5/SEG�1
PF5
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�1
PFFS
AO
LCD d�ive� output fo� LCD panel seg�ent
PF�/SEG��
PF�
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG��
PFFS
AO
LCD d�ive� output fo� LCD panel seg�ent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com