Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F360 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 23Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 24Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 25Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 26Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 27Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 28Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 29Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 30Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 235 page
background image
Rev. 1.30
��
�ove��e� 1�� �01�
Rev. 1.30
�7
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage
(HXT)
fSYS=fHXT=4MHz
1.�
5.5
V
fSYS=fHXT=�MHz
�.0
5.5
V
fSYS=fHXT=1�MHz
�.7
5.5
V
fSYS=fHXT=1�MHz
4.5
5.5
V
Ope�ating Voltage
(HIRC)
fSYS=fHIRC=4MHz
1.�
5.5
V
fSYS=fHIRC=�MHz
�.0
5.5
V
fSYS=fHIRC=1�MHz
�.7
5.5
V
VIL
Input Low Voltage fo� I/O Po�ts
5V
0
1.5
V
0
0.�VDD
V
Input Low Voltage (RES)
0
0.4VDD
V
VIH
Input Low Voltage fo� I/O Po�ts
5V
3.5
5
V
0.�VDD
VDD
V
Input High Voltage (RES)
0.9VDD
VDD
V
IDD
Ope�ating Cu��ent
(HXT)
3V �o load� all pe�iphe�als off�
fH=4MHz
0.50
0.75
�A
5V
1.0
1.5
�A
3V �o load� all pe�iphe�als off�
fH=�MHz
1.0
1.5
�A
5V
�.0
3.0
�A
3V �o load� all pe�iphe�als off�
fH=1�MHz
1.5
�.75
�A
5V
3.0
4.5
�A
5V �o load� all pe�iphe�als off�
fH=1�MHz
4.0
�.0
�A
Ope�ating Cu��ent
(HIRC)
3V �o load� all pe�iphe�als off�
fH=4MHz
400
�00
μA
5V
0.�
1.�
�A
3V �o load� all pe�iphe�als off�
fH=�MHz
0.�
1.�
�A
5V
1.�
�.4
�A
3V �o load� all pe�iphe�als off�
fH=1�MHz
1.�
1.�
�A
5V
�.4
3.�
�A
Ope�ating Cu��ent
(LXT)
3V �o load� all pe�iphe�als off�
fSYS=3�7��Hz
10
�0
μA
5V
30
50
μA
Ope�ating Cu��ent
(LIRC)
3V �o load� all pe�iphe�als off�
fSYS=3�kHz
10
�0
μA
5V
30
50
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com