Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F360 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 28Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 29Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 30Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 31Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 32Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 33Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 34Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 235 page
background image
Rev. 1.30
3�
�ove��e� 1�� �01�
Rev. 1.30
33
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Power on Reset Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Sta�t Voltage to Ensu�e Powe�-on Reset
100
�V
RRPOR
VDD Rising Rate to Ensu�e Powe�-on Reset
0.035
V/�s
tPOR
Mini�u� Ti�e fo� VDD Stays at VPOR to Ensu�e
Powe�-on Reset
1
�s
Ti me
V DD
V PO R
RR PO R
t PO R
System Architecture
Akeyfactorinthehigh-performancefeaturesoftheHoltekrangeofmicrocontrollersisattributed
totheirinternalsystemarchitecture.Theseriesofdevicestakeadvantageoftheusualfeaturesfound
withinRISCmicrocontrollersprovidingincreasedspeedofoperationandPeriodicperformance.The
pipeliningschemeisimplementedinsuchawaythatinstructionfetchingandinstructionexecution
areoverlapped,henceinstructionsareeffectivelyexecutedinonecycle,withtheexceptionofbranch
orcallinstructions.An8-bitwideALUisusedinpracticallyallinstructionsetoperations,which
carriesoutarithmeticoperations,logicoperations,rotation,increment,decrement,branchdecisions,
etc.TheinternaldatapathissimplifiedbymovingdatathroughtheAccumulatorandtheALU.
CertaininternalregistersareimplementedintheDataMemoryandcanbedirectlyorindirectly
addressed.Thesimpleaddressingmethodsoftheseregistersalongwithadditionalarchitectural
featuresensurethataminimumofexternalcomponentsisrequiredtoprovideafunctionalI/O
controlsystemwithmaximumreliabilityandflexibility.Thismakesthedevicessuitableforlow-
cost,high-volumeproductionforcontrollerapplications.
Clocking and Pipelining
Themainsystemclock,derivedfromeitheraHXT,LXT,HIRCorLIRCoscillatorissubdivided
intofourinternallygeneratednon-overlappingclocks,T1~T4.TheProgramCounterisincremented
atthebeginningoftheT1clockduringwhichtimeanewinstructionisfetched.Theremaining
T2~T4clockscarryoutthedecodingandexecutionfunctions.Inthisway,oneT1~T4clock
cycleformsoneinstructioncycle.Althoughthefetchingandexecutionofinstructionstakesplace
inconsecutiveinstructioncycles,thepipeliningstructureofthemicrocontrollerensuresthat
instructionsareeffectivelyexecutedinoneinstructioncycle.Theexceptiontothisareinstructions
wherethecontentsoftheProgramCounterarechanged,suchassubroutinecallsorjumps,inwhich
casetheinstructionwilltakeonemoreinstructioncycletoexecute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com