| Electronic Components Datasheet Search |
|
HT69F360 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F360 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc |
|
25 / 235 page ![]() Rev. 1.30 �4 �ove��e� 1�� �01� Rev. 1.30 �5 �ove��e� 1�� �01� HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM Pad Name Function OPT I/T O/T Description PG4/SEG�� PG4 PGPU PGFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG�� PGFS — AO LCD d�ive� output fo� LCD panel seg�ent PG5/SEG�9 PG5 PGPU PGFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG�9 PGFS — AO LCD d�ive� output fo� LCD panel seg�ent PG�/SEG30 PG� PGPU PGFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG30 PGFS — AO LCD d�ive� output fo� LCD panel seg�ent PG7/SEG31 PG7 PGPU PGFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG31 PGFS — AO LCD d�ive� output fo� LCD panel seg�ent PH0/SEG3� PH0 PHPU PHFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG3� PHFS — AO LCD d�ive� output fo� LCD panel seg�ent PH1/SEG33 PH1 PHPU PHFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG33 PHFS — AO LCD d�ive� output fo� LCD panel seg�ent PH�/SEG34 PH� PHPU PHFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG34 PHFS — AO LCD d�ive� output fo� LCD panel seg�ent PH3/SEG35 PH3 PHPU PHFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG35 PHFS — AO LCD d�ive� output fo� LCD panel seg�ent PH4/SEG3� PH4 PHPU PHFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG3� PHFS — AO LCD d�ive� output fo� LCD panel seg�ent PH5/SEG37 PH5 PHPU PHFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG37 PHFS — AO LCD d�ive� output fo� LCD panel seg�ent PH�/SEG3� PH� PHPU PHFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG3� PHFS — AO LCD d�ive� output fo� LCD panel seg�ent PH7/SEG39 PH7 PHPU PHFS ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. SEG39 PHFS — AO LCD d�ive� output fo� LCD panel seg�ent SEG40~SEG47 SEGn — — AO LCD d�ive� output fo� LCD panel seg�ent COM3/SEGn COM3 — — AO LCD d�ive� outputs fo� LCD panel co��on SEGn — — AO LCD d�ive� output fo� LCD panel seg�ent. n=3� fo� �4-pin package� n=4� fo� �0-pin package. COM0~COM� COMn — — AO LCD d�ive� outputs fo� LCD panel co��on |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |