Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F360 Datasheet(PDF) 170 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 170 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 166Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 167Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 168Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 169Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 170Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 171Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 172Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 173Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 174Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 235 page
background image
Rev. 1.30
170
�ove��e� 1�� �01�
Rev. 1.30
171
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
TXR/RXR register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x”: unknown
Bit7~0
D7~D0:UARTTransmit/ReceiveDatabit7~bit0
BRG Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x”: unknown
Bit7~0
D7~D0:BaudRatevalues
ByprogrammingtheBRGHbitinUCR2Registerwhichallowsselectionofthe
relatedformuladescribedaboveandprogrammingtherequiredvalueintheBRG
register,therequiredbaudratecanbesetup.
Note:Baudrate=fSYS/[64×(N+1)]ifBRGH=0.
Baudrate=fSYS/[16×(N+1)]ifBRGH=1.
Baud Rate Generator
Tosetupthespeedoftheserialdatacommunication,theUARTfunctioncontainsitsowndedicated
baudrategenerator.Thebaudrateiscontrolledbyitsowninternalfreerunning8-bittimer,the
periodofwhichisdeterminedbytwofactors.Thefirstoftheseisthevalueplacedinthebaudrate
registerBRGandthesecondisthevalueoftheBRGHbitinthecontrolregisterUCR2.TheBRGH
bitdecidesifthebaudrategeneratoristobeusedinahighspeedmodeorlowspeedmode,whichin
turndeterminestheformulathatisusedtocalculatethebaudrate.ThevalueNintheBRGregister
whichisusedinthefollowingbaudratecalculationformuladeterminesthedivisionfactor.Note
thatNisthedecimalvalueplacedintheBRGregisterandhasarangeofbetween0and255.
UCR2 BRGH Bit
0
1
Baud Rate (BR)
fSYS / [�4 (�+1)]
fSYS / [1� (�+1)]
ByprogrammingtheBRGHbitwhichallowsselectionoftherelatedformulaandprogrammingthe
requiredvalueintheBRGregister,therequiredbaudratecanbesetup.Notethatbecausetheactual
baudrateisdeterminedusingadiscretevalue,N,placedintheBRGregister,therewillbeanerror
associatedbetweentheactualandrequestedvalue.ThefollowingexampleshowshowtheBRG
registervalueNandtheerrorvaluecanbecalculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com