Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11BBC Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F11BBC
Description  Ultra-low power consumption technology
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BBC Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F11BBC Datasheet HTML 1Page - Renesas Technology Corp R5F11BBC Datasheet HTML 2Page - Renesas Technology Corp R5F11BBC Datasheet HTML 3Page - Renesas Technology Corp R5F11BBC Datasheet HTML 4Page - Renesas Technology Corp R5F11BBC Datasheet HTML 5Page - Renesas Technology Corp R5F11BBC Datasheet HTML 6Page - Renesas Technology Corp R5F11BBC Datasheet HTML 7Page - Renesas Technology Corp R5F11BBC Datasheet HTML 8Page - Renesas Technology Corp R5F11BBC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 143 page
background image
RL78/G1F
1. OUTLINE
R01DS0246EJ0110 Rev. 1.10
Page 5 of 140
Aug 12, 2016
1.3
Pin Configuration (Top View)
1.3.1
24-pin products
• 24-pin plastic HWQFN (4 × 4 mm, 0.5 mm pitch)
Caution
Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection registers 0 to 3
(PIOR0 to PIOR3).
<R>
P15/PCLBUZ1/SCK20/SCL20/TRDIOB0/(SDAA0)
P51/INTP2/SO00/TxD0/TOOLTxD/TRGIOB/(TRDIOD1)
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0)/(TRDIOC1)
P72/PCLBUZ0/INTP4/SCK00/SCL00/TRJO0/(TxD1)/(VCOUT1)
P73/INTP3/SSI00/(TRJIO0)/(RxD1)/(VCOUT0)
12
11
10
9
8
20
21
22
23
24
1
P22/ANI2/ANO0/PGAI/IVCMP0
P20/ANI0/AVREFP/INTP11/IVCMP12
P01/ANI16/TO00/RxD1/TRGCLKB/TRJIO0/(IrRxD)/INTP10/SCLA0/IVCMP11
P00/ANI17/TI00/TxD1/TRGCLKA/(TRJO0)/(IrTxD)/INTP8/SDAA0/IVCMP10
2345 6
7
19
18 17 16 15 14 13
P40/TOOL0
VDD
P21/ANI1/AVREFM/IVCMP13
exposed die pad
RL78/G1F
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com