Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11BBC Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R5F11BBC
Description  Ultra-low power consumption technology
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BBC Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F11BBC Datasheet HTML 12Page - Renesas Technology Corp R5F11BBC Datasheet HTML 13Page - Renesas Technology Corp R5F11BBC Datasheet HTML 14Page - Renesas Technology Corp R5F11BBC Datasheet HTML 15Page - Renesas Technology Corp R5F11BBC Datasheet HTML 16Page - Renesas Technology Corp R5F11BBC Datasheet HTML 17Page - Renesas Technology Corp R5F11BBC Datasheet HTML 18Page - Renesas Technology Corp R5F11BBC Datasheet HTML 19Page - Renesas Technology Corp R5F11BBC Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 143 page
background image
RL78/G1F
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85°C)
R01DS0246EJ0110 Rev. 1.10
Page 16 of 140
Aug 12, 2016
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
Absolute Maximum Ratings
(2/2)
Parameter
Symbols
Conditions
Ratings
Unit
Output current, high
IOH1
Per pin
P00 to P06, P10 to P17, P30, P31, P40 to P43,
P50 to P55, P70 to P77, P120, P130, P140, P141,
P146, P147
-40
mA
Total of all
pins
-170 mA
P00 to P04, P40 to P43,P120, P130, P140, P141
-70
mA
P05, P06, P10 to P17, P30, P31, P50 to P55, P70
to P77, P146, P147
-100
mA
IOH2
Per pin
P20 to P27
-0.5
mA
Total of all
pins
-2
mA
Output current, low
IOL1
Per pin
P00 to P06, P10 to P17, P30, P31, P40-P43, P50
to P55, P60 to P63, P70 to P77, P120, P130,
P140, P141, P146, P147
40
mA
Total of all
pins
170 mA
P00 to P04, P40 to P47, P120, P130, P140, P141
70
mA
P05, P06, P10 to P17, P30, P31, P50 to P55,
P70 to P77, P146, P147
100
mA
IOL2
Per pin
P20 to P27
1
mA
Total of all
pins
5mA
Operating ambient tem-
perature
TA
In normal operation mode
-40 to +85
°C
In flash memory programming mode
Storage temperature
Tstg
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com