Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11BBC Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F11BBC
Description  Ultra-low power consumption technology
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BBC Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F11BBC Datasheet HTML 3Page - Renesas Technology Corp R5F11BBC Datasheet HTML 4Page - Renesas Technology Corp R5F11BBC Datasheet HTML 5Page - Renesas Technology Corp R5F11BBC Datasheet HTML 6Page - Renesas Technology Corp R5F11BBC Datasheet HTML 7Page - Renesas Technology Corp R5F11BBC Datasheet HTML 8Page - Renesas Technology Corp R5F11BBC Datasheet HTML 9Page - Renesas Technology Corp R5F11BBC Datasheet HTML 10Page - Renesas Technology Corp R5F11BBC Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 143 page
background image
RL78/G1F
1. OUTLINE
R01DS0246EJ0110 Rev. 1.10
Page 7 of 140
Aug 12, 2016
1.3.3
36-pin products
• 36-pin plastic WFLGA (4 × 4 mm, 0.5 mm pitch)
Caution 1. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Caution 2. Make VDD pin the potential that is higher than EVDD0 pin.
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection registers 0 to 3
(PIOR0 to PIOR3).
Remark 3.
When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD and EVDD0 pins.
AB
C
D
E
F
6
EVDD0
VDD
P121/X1
P122/X2/EXCLK
P137/INTP0
P40/TOOL0
6
5
P61/SDAA0
P60/SCLA0
VSS
REGC
RESET
P124/XT2/
EXCLKS
5
4
P31/TI03/TO03/
INTP4/PCLBUZ0/
SSI00/(TRJIO0)/
VCOUT1
P14/ANI24/RxD2/
SI20/SDA20/
TRDIOD0/
(SCLA0)/IrRxD
P20/ANI0/
AVREFP/IVCMP12/
INTP11
P21/ANI1/
AVREFM/IVCMP13
P01/ANI16/TO00/
RxD1/TRGCLKB/
TRJIO0/INTP10/
IVCMP11
P123/XT1
4
3
P50/INTP1/SI00/
RxD0/TOOLRxD/
SDA00/TRGIOA/
(TRJO0)/
(TRDIOC1)
P70/INTP6/
(VCOUT0)/
(VCOUT1)
P15/PCLBUZ1/
SCK20/SCL20/
TRDIOB0/
(SDAA0)
P23/ANI3/ANO1/
PGAGND
P00/ANI17/TI00/
TxD1/TRGCLKA/
(TRJO0)/INTP8/
IVCMP10
P120/ANI19/
VCOUT0
3
2
P30/INTP3/
RTC1HZ/SCK00/
SCL00/TRJO0/
(TRDIOB1)
P16/TI01/TO01/
INTP5/TRDIOC0/
(RxD0)/
(TRDIOA1)
P12/ANI22/SO11/
TRDIOB1
P11/ANI21/SI11/
SDA11/TRDIOC1
P24/ANI4
P22/ANI2/ANO0/
PGAI/IVCMP0
2
1
P51/INTP2/SO00/
TxD0/TOOLTxD/
TRGIOB/
(TRDIOD1)
P17/TI02/TO02/
TRDIOA0/
TRDCLK0/(TxD0)/
(TRDIOD0)
P13/ANI23/TxD2/
SO20/TRDIOA1/
IrTxD
P10/ANI20/
SCK11/SCL11/
TRDIOD1/(TxD2)
P147/ANI18/
IVREF0
P25/ANI5
1
AB
C
D
E
F
Top View
Bottom View
6
5
4
3
2
1
INDEX MARK
AB
C
D
E
F
FE
D
C
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com