Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 38Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 39Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 40Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 41Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 42Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 43Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 44Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 45Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 228 page
background image
RX64M Group
1. Overview
R01DS0173EJ0110 Rev.1.10
Page 42 of 228
Oct 24, 2016
57
VSS_USB
58
AVCC_
USBA
59
USBA_
RREF
60
AVSS_
USBA
61
PVSS_
USBA
62
VSS2_
USBA
63
USBA_DM
64
USBA_DP
65
VSS1_
USBA
66
VCC_
USBA
67
P11
MTIC5V/TMCI3
SCK2/USBA_VBUS/
USBA_VBUSEN
IRQ1
68
P10
ALE
MTIC5W/TMRI3
USBA_OVRCURA
IRQ0
69
P53*1
BCLK
70
P52
RD#
RXD2/SMISO2/SSCL2
71
P51
WR1#/BC1#/
WAIT#
SCK2
72
P50
WR0#/WR#
TXD2/SMOSI2/SSDA2
73
VSS
74
P83
EDACK1
MTIOC4C/
GTIOC0A-D
CTS10#/ET0_CRS/
RMII0_CRS_DV/
SCK10
75
VCC
76
UB
PC7
A23/CS0#
MTIOC3A/MTCLKB/
GTIOC3A-D/TMO2/
TOC0/PO31/CACREF
TXD8/MISOA-A/
ET0_COL
MMC_D7-A
IRQ14
77
PC6
A22/CS1#
MTIOC3C/MTCLKA/
GTIOC3B-D/TMCI2/
TIC0/PO30
RXD8/MOSIA-A/
ET0_ETXD3
MMC_D6-A
IRQ13
78
PC5
A21/CS2#/
WAIT#
MTIOC3B/MTCLKD/
GTIOC1A-D/TMRI2/
PO29
SCK8/RSPCKA-A/
RTS8#/ET0_ETXD2
MMC_D5-A
79
P82
EDREQ1
MTIOC4A/
GTIOC2A-D/PO28
TXD10/ET0_ETXD1/
RMII0_TXD1
MMC_D4-A
80
P81
EDACK0
MTIOC3D/
GTIOC0B-D/PO27
RXD10/ET0_ETXD0/
RMII0_TXD0
MMC_D3-A/
SDHI_CD-A/
QIO3-A
81
P80
EDREQ0
MTIOC3B/PO26
SCK10/RTS10#/
ET0_TX_EN/
RMII0_TXD_EN
MMC_D2-A/
SDHI_WP-A/
QIO2-A
82
PC4
A20/CS3#
MTIOC3D/MTCLKC/
GTETRG-D/TMCI1/
PO25/POE0#
SCK5/CTS8#/SSLA0-
A/ET0_TX_CLK
MMC_D1-A/
SDHI_D1-A/
QIO1-A/QMI-A
83
PC3
A19
MTIOC4D/
GTIOC1B-D/TCLKB/
PO24
TXD5/SMOSI5/
SSDA5/
ET0_TX_ER
MMC_D0-A/
SDHI_D0-A/
QIO0-A/
QMO-A
84
P77
CS7#
PO23
TXD11/ET0_RX_ER/
RMII0_RX_ER
MMC_CLK-A/
SDHI_CLK-A/
QSPCLK-A
Table 1.6
List of Pin and Pin Functions (176-Pin LFQFP) (3/7)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
Interrupt
S12ADC,
R12DA
176-Pin
LFQFP
(MTU, GPT, TPU,
TMR, PPG, RTC,
CMTW, POE, CAC)
(ETHERC, SCIg,
SCIh, RSPI, RIIC,
CAN, USB, SSI)
(QSPI, SDHI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com