Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 69Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 70Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 71Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 72Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 73Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 74Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 75Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 76Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 73 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 0035h
SYSTE
M
IWDT-Dedicated On-Chip Oscillator Control Register
ILOCOCR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 0036h
SYSTE
M
High-Speed On-Chip Oscillator Control Register
HOCOCR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 0037h
SYSTE
M
High-Speed On-Chip Oscillator Control Register 2
HOCOCR2
88
3 ICLK
Clock
Generat
ion
Circuit
0008 003Ch
SYSTE
M
Oscillation Stabilization Flag Register
OSCOVFSR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 0040h
SYSTE
M
Oscillation Stop Detection Control Register
OSTDCR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 0041h
SYSTE
M
Oscillation Stop Detection Status Register
OSTDSR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 00A0h
SYSTE
M
Operating Power Control Register
OPCCR
88
3 ICLK
Low
Power
Consum
ption
0008 00A1h
SYSTE
M
Sleep Mode Return Clock Source Switching Register
RSTCKCR
88
3 ICLK
Low
Power
Consum
ption
0008 00A2h
SYSTE
M
Main Clock Oscillator Wait Control Register
MOSCWTCR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 00A3h
SYSTE
M
Sub-Clock Oscillator Wait Control Register
SOSCWTCR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 00C0h
SYSTE
M
Reset Status Register 2
RSTSR2
88
3 ICLK
Resets
0008 00C2h
SYSTE
M
Software Reset Register
SWRR
16
16
3 ICLK
Resets
0008 00E0h
SYSTE
M
Voltage Monitoring 1 Circuit Control Register 1
LVD1CR1
88
3 ICLK
LVDA
0008 00E1h
SYSTE
M
Voltage Monitoring 1 Circuit Status Register
LVD1SR
88
3 ICLK
LVDA
0008 00E2h
SYSTE
M
Voltage Monitoring 2 Circuit Control Register 1
LVD2CR1
88
3 ICLK
LVDA
0008 00E3h
SYSTE
M
Voltage Monitoring 2 Circuit Status Register
LVD2SR
88
3 ICLK
LVDA
0008 03FEh
SYSTE
M
Protect Register
PRCR
16
16
3 ICLK
Register
Write
Protecti
on
Functio
n
0008 1200h
RAM
RAM Operating Mode Control Register
RAMMODE
88
2 ICLK
RAM
0008 1201h
RAM
RAM Error Status Register
RAMSTS
88
2 ICLK
RAM
0008 1204h
RAM
RAM Protection Register
RAMPRCR
88
2 ICLK
RAM
0008 1208h
RAM
RAM Error Address Capture Register
RAMECAD
32
32
2 ICLK
RAM
0008 12C0h
ECCRA
M
ECCRAM Operating Mode Control Register
ECCRAMMO
DE
88
2 ICLK
RAM
0008 12C1h
ECCRA
M
ECCRAM 2-Bit Error Status Register
ECCRAM2ST
S
88
2 ICLK
RAM
0008 12C2h
ECCRA
M
ECCRAM 1-Bit Error Information Update Enable
Register
ECCRAM1ST
SEN
88
2 ICLK
RAM
Table 4.1
List of I/O Registers (Address Order) (2 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com