Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 85Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 86Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 87Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 88Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 89Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 90Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 91Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 92Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 89 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 857Ch
MMCIF
Version Register
CEVERSION
32
32
2, 3 PCLKB
2 ICLK
MMCIF
0008 9000h
S12AD
A/D Control Register
ADCSR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9004h
S12AD
A/D Channel Select Register A0
ADANSA0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9008h
S12AD
A/D-Converted Value Addition/Average Mode Select
Register 0
ADADS0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 900Ch
S12AD
A/D-Converted Value Addition/Average Count Select
Register
ADADC
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 900Eh
S12AD
A/D Control Extended Register
ADCER
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9010h
S12AD
A/D Start Trigger Select Register
ADSTRGR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9014h
S12AD
A/D Channel Select Register B0
ADANSB0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9018h
S12AD
A/D Data Duplication Register
ADDBLDR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 901Eh
S12AD
A/D Self-Diagnosis Data Register
ADRD
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9020h
S12AD
A/D Data Register 0
ADDR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9022h
S12AD
A/D Data Register 1
ADDR1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9024h
S12AD
A/D Data Register 2
ADDR2
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9026h
S12AD
A/D Data Register 3
ADDR3
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9028h
S12AD
A/D Data Register 4
ADDR4
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 902Ah
S12AD
A/D Data Register 5
ADDR5
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 902Ch
S12AD
A/D Data Register 6
ADDR6
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 902Eh
S12AD
A/D Data Register 7
ADDR7
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9060h
S12AD
A/D Sampling State Register 0
ADSSTR0
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9066h
S12AD
A/D Sample-and-Hold Circuit Control Register
ADSHCR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9073h
S12AD
A/D Sampling State Register 1
ADSSTR1
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9074h
S12AD
A/D Sampling State Register 2
ADSSTR2
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9075h
S12AD
A/D Sampling State Register 3
ADSSTR3
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9076h
S12AD
A/D Sampling State Register 4
ADSSTR4
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9077h
S12AD
A/D Sampling State Register 5
ADSSTR5
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9078h
S12AD
A/D Sampling State Register 6
ADSSTR6
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9079h
S12AD
A/D Sampling State Register 7
ADSSTR7
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 907Ah
S12AD
A/D Disconnection Detection Control Register
ADDISCR
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 907Ch
S12AD
A/D Sample-and-Hold Operating Mode Select
Register
ADSHMSR
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9080h
S12AD
A/D Group Scan Priority Control Register
ADGSPCR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9084h
S12AD
A/D Data Duplication Register A
ADDBLDRA
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9086h
S12AD
A/D Data Duplication Register B
ADDBLDRB
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
Table 4.1
List of I/O Registers (Address Order) (18 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com