Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 86Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 87Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 88Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 89Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 90Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 91Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 92Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 93Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 90 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 9090h
S12AD
A/D Compare Control Register
ADCMPCR
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9094h
S12AD
A/D Compare Channel Select Register 0
ADCMPANSR
0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9098h
S12AD
A/D Compare Level Register 0
ADCMPLR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 909Ch
S12AD
A/D Compare Data Register 0
ADCMPDR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 909Eh
S12AD
A/D Compare Data Register 1
ADCMPDR1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 90A0h
S12AD
A/D Compare Status Register 0
ADCMPSR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9100h
S12AD1 A/D Control Register
ADCSR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9104h
S12AD1 A/D Channel Select Register A0
ADANSA0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9106h
S12AD1 A/D Channel Select Register A1
ADANSA1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9108h
S12AD1 A/D-Converted Value Addition/Average Mode Select
Register 0
ADADS0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 910Ah
S12AD1 A/D-Converted Value Addition/Average Mode Select
Register 1
ADADS1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 910Ch
S12AD1 A/D-Converted Value Addition/Average Count Select
Register
ADADC
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 910Eh
S12AD1 A/D Control Extended Register
ADCER
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9110h
S12AD1 A/D Start Trigger Select Register
ADSTRGR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9112h
S12AD1 A/D Conversion Extended Input Control Register
ADEXICR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9114h
S12AD1 A/D Channel Select Register B0
ADANSB0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9116h
S12AD1 A/D Channel Select Register B1
ADANSB1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9118h
S12AD1 A/D Data Duplication Register
ADDBLDR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 911Ah
S12AD1 A/D Temperature Sensor Data Register
ADTSDR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 911Ch
S12AD1 A/D Internal Reference Voltage Data Register
ADOCDR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 911Eh
S12AD1 A/D Self-Diagnosis Data Register
ADRD
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9120h
S12AD1 A/D Data Register 0
ADDR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9122h
S12AD1 A/D Data Register 1
ADDR1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9124h
S12AD1 A/D Data Register 2
ADDR2
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9126h
S12AD1 A/D Data Register 3
ADDR3
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9128h
S12AD1 A/D Data Register 4
ADDR4
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 912Ah
S12AD1 A/D Data Register 5
ADDR5
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 912Ch
S12AD1 A/D Data Register 6
ADDR6
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 912Eh
S12AD1 A/D Data Register 7
ADDR7
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9130h
S12AD1 A/D Data Register 8
ADDR8
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9132h
S12AD1 A/D Data Register 9
ADDR9
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
Table 4.1
List of I/O Registers (Address Order) (19 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com