Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 88Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 89Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 90Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 91Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 92Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 93Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 94Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 95Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 92 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 9198h
S12AD1 A/D Compare Level Register 0
ADCMPLR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 919Ah
S12AD1 A/D Compare Level Register 1
ADCMPLR1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 919Ch
S12AD1 A/D Compare Data Register 0
ADCMPDR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 919Eh
S12AD1 A/D Compare Data Register 1
ADCMPDR1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 91A0h
S12AD1 A/D Compare Status Register 0
ADCMPSR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 91A2h
S12AD1 A/D Compare Status Register 1
ADCMPSR1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 91A4h
S12AD1 A/D Compare Status Extended Register
ADCMPSER
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9E00h
QSPI
QSPI Control Register
SPCR
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E01h
QSPI
QSPI Slave Select Polarity Register
SSLP
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E02h
QSPI
QSPI Pin Control Register
SPPCR
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E03h
QSPI
QSPI Status Register
SPSR
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E04h
QSPI
QSPI Data Register
SPDR
32
8, 16,
32
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E08h
QSPI
QSPI Sequence Control Register
SPSCR
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E09h
QSPI
QSPI Sequence Status Register
SPSSR
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E0Ah
QSPI
QSPI Bit Rate Register
SPBR
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E0Bh
QSPI
QSPI Data Control Register
SPDCR
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E0Ch
QSPI
QSPI Clock Delay Register
SPCKD
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E0Dh
QSPI
QSPI Slave Select Negation Delay Register
SSLND
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E0Eh
QSPI
QSPI Next-Access Delay Register
SPND
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E10h
QSPI
QSPI Command Register 0
SPCMD0
16
16
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E12h
QSPI
QSPI Command Register 1
SPCMD1
16
16
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E14h
QSPI
QSPI Command Register 2
SPCMD2
16
16
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E16h
QSPI
QSPI Command Register 3
SPCMD3
16
16
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E18h
QSPI
QSPI Buffer Control Register
SPBFCR
8
8
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E1Ah
QSPI
QSPI Buffer Data Count Set Register
SPBDCR
16
16
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E1Ch
QSPI
QSPI Transfer Data Length Multiplier Setting Register
0
SPBMUL0
32
32
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E20h
QSPI
QSPI Transfer Data Length Multiplier Setting Register
1
SPBMUL1
32
32
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E24h
QSPI
QSPI Transfer Data Length Multiplier Setting Register
2
SPBMUL2
32
32
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 9E28h
QSPI
QSPI Transfer Data Length Multiplier Setting Register
3
SPBMUL3
32
32
4, 5 PCLKB
2, 3 ICLK
QSPI
0008 A000h
SCI0
Serial Mode Register
SMR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A001h
SCI0
Bit Rate Register
BRR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A002h
SCI0
Serial Control Register
SCR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A003h
SCI0
Transmit Data Register
TDR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A004h
SCI0
Serial Status Register
SSR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A005h
SCI0
Receive Data Register
RDR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A006h
SMCI0
Smart Card Mode Register
SCMR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A007h
SCI0
Serial Extended Mode Register
SEMR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A008h
SCI0
Noise Filter Setting Register
SNFR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
Table 4.1
List of I/O Registers (Address Order) (21 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com