Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 98Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 99Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 100Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 101Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 102Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 103Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 104Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 105Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 102 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 C02Dh
PORTD Port Output Data Register
PODR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C02Eh
PORTE
Port Output Data Register
PODR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C02Fh
PORTF
Port Output Data Register
PODR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C030h
PORTG Port Output Data Register
PODR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C032h
PORTJ
Port Output Data Register
PODR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C040h
PORT0
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C041h
PORT1
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C042h
PORT2
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C043h
PORT3
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C044h
PORT4
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C045h
PORT5
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C046h
PORT6
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C047h
PORT7
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C048h
PORT8
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C049h
PORT9
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C04Ah
PORTA
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C04Bh
PORTB
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C04Ch
PORTC Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C04Dh
PORTD Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C04Eh
PORTE
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C04Fh
PORTF
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C050h
PORTG Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C052h
PORTJ
Port Input Register
PIDR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C060h
PORT0
Port Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C061h
PORT1
Port Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C062h
PORT2
Port Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C063h
PORT3
Port Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C064h
PORT4
Port Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C065h
PORT5
Port Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C066h
PORT6
Port Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C067h
PORT7
Port Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
Table 4.1
List of I/O Registers (Address Order) (31 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com