Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 166Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 167Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 168Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 169Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 170Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 171Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 172Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 173Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 170 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
5.3.6
EXDMAC Timing
Figure 5.30
EDREQ0 and EDREQ1 Input Timing
Figure 5.31
EDACK0 and EDACK1 Single-Address Transfer Timing (for a CS Area)
Table 5.22
EXDMAC Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
ICLK = PCLKA = 8 to 120 MHz, PCLKB = BCLK = SDCLK = 8 to 60 MHz, Ta = Topr
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Max.
Unit
Test
Conditions
EXDMAC
EDREQ setup time
tEDRQS
13
—
ns
Figure 5.30
EDREQ hold time
tEDRQH
2—
ns
EDACK delay time
tEDACD
—
13
ns
Figure 5.31,
Figure 5.32
BCLK pin
tEDRQS tEDRQH
EDREQ0,
EDREQ1
EDACK0,
EDACK1
tEDACD
BCLK pin
tEDACD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com