Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 195Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 196Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 197Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 198Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 199Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 200Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 201Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 202Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 199 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
Note 1. tPBcyc: PCLKB cycle
Figure 5.72
PDC Input Clock Timing
Figure 5.73
PDC Output Clock Timing
Table 5.41
PDC Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.*1
Max.
Unit
Test
Conditions
PDC
PIXCLK input cycle time
tPIXcyc
37
—
ns
Figure 5.72
PIXCLK input high pulse width
tPIXH
10
—
ns
PIXCLK input low pulse width
tPIXL
10
—
ns
PIXCLK rising time
tPIXr
—5
ns
PIXCLK falling time
tPIXf
—5
ns
PCKO output cycle time
tPCKcyc
2 × tPBcyc
—
ns
Figure 5.73
PCKO output high pulse width
tPCKH
(tPCKcyc – tPCKr – tPCKf)/2 – 3
—
ns
PCKO output low pulse width
tPCKL
(tPCKcyc – tPCKr – tPCKf)/2 – 3
—
ns
PCKO rising time
tPCKr
—5
ns
PCKO falling time
tPCKf
—5
ns
VSYNV/HSYNC input setup time
tSYNCS
10
—
ns
Figure 5.74
VSYNV/HSYNC input hold time
tSYNCH
5—
ns
PIXD input setup time
tPIXDS
10
—
ns
PIXD input hold time
tPIXDH
5—
ns
tPIXcyc
tPIXH
tPIXf
tPIXL
tPIXr
PIXCLK input
tPCKcyc
tPCKH
tPCKf
tPCKL
tPCKr
PCKO pin output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com