Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS35L32 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 5 Page - Cirrus Logic

  CS35L32 Datasheet HTML 1Page - Cirrus Logic CS35L32 Datasheet HTML 2Page - Cirrus Logic CS35L32 Datasheet HTML 3Page - Cirrus Logic CS35L32 Datasheet HTML 4Page - Cirrus Logic CS35L32 Datasheet HTML 5Page - Cirrus Logic CS35L32 Datasheet HTML 6Page - Cirrus Logic CS35L32 Datasheet HTML 7Page - Cirrus Logic CS35L32 Datasheet HTML 8Page - Cirrus Logic CS35L32 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
DS963F5
5
CS35L32
1 Pin Descriptions
1 Pin Descriptions
Figure 1-1. Top-Down (Through-Package) View—30-Ball WLCSP Package
‘‘‘
SDA
SCL
SDOUT
SCLK
MCLK
FLOUT2/
AD0
‘‘‘‘‘
VP
INT
RESET
LRCK
GNDPLED
FLOUT1
‘‘‘‘‘
SW
GNDP
GNDP
FLINH
GNDA
VA
‘‘‘‘‘
SW
SPKOUT+
SPKOUT–/
VSENSE–
FLEN
IREF+
FILT+
‘‘‘‘‘
VBST
SPKRSUPPLY
IN–
IN+
ISENSE–/
VSENSE+
ISENSE+
Table 1-1. Pin Descriptions
Ball Name
Ball
Number
Power
Supply I/O
Ball Description
Internal
Connection
Driver
Receiver State at
Reset
SDA
A1
VA
I/O I2C Serial Data Input. Serial data for the I2C
serial port
—CMOS
open-drain
output
Hysteresis
on CMOS
input
Hi-Z
SCL
A2
VA
I I2C Clock Input. Serial clock for the I2C serial
port
——
Hysteresis
on CMOS
input
Hi-Z
MCLK
A5
VA
I Master Clock Source. Clock source for A/D
converters and audio/data serial port (ADSP).
MCLKINT, derived from MCLK, is used for other
blocks (see Section 4.13 and Section 7.7).
Weak pull-
down
(~1 M

Hysteresis
on CMOS
input
Pulled
down
SCLK
A4
VA
I/O Serial Clock. Serial shift clock for the serial
audio interface
Weak pull-
down
(~1 M

CMOS
output
Hysteresis
on CMOS
input
Pulled
down
LRCK
B4
VA
I/O Left Right Clock. Determines which channel,
left or right, is currently active on the serial
audio/data lines
Weak pull-
down
(~1 M

CMOS
output
Hysteresis
on CMOS
input
Pulled
down
SDOUT
A3
VA
O Serial Audio/Data Output. I²S serial data
output used to monitor voltage and current of
SPKOUT signal and VP levels
Weak
pull-down
(~1 M

CMOS
output
Pulled
down
INT
B2
VA
O Interrupt. Programmable, open-drain, active-
low programmable interrupt output
—CMOS
open-drain
output
—Hi-Z
A1
A2
A3
A4
A5
A6
B1
B2
B3
B4
B5
B6
C1
C2
C3
C4
C5
C6
D1
D2
D3
D4
D5
D6
E1
E2
E3
E4
E5
E6
General Ground
LED
Digital I/O
Power Supply
Boost Converter
Audio
Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com