Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS35L32 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 11Page - Cirrus Logic CS35L32 Datasheet HTML 12Page - Cirrus Logic CS35L32 Datasheet HTML 13Page - Cirrus Logic CS35L32 Datasheet HTML 14Page - Cirrus Logic CS35L32 Datasheet HTML 15Page - Cirrus Logic CS35L32 Datasheet HTML 16Page - Cirrus Logic CS35L32 Datasheet HTML 17Page - Cirrus Logic CS35L32 Datasheet HTML 18Page - Cirrus Logic CS35L32 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
DS963F5
15
CS35L32
4 Functional Description
4 Functional Description
Figure 4-1. CS35L32 Block Diagram
4.1 Power Supplies
The VA and VP supplies are required for proper operation of the CS35L32. Before either supply is powered down, RESET
must be asserted. RESET must be held in the asserted state until all supplies are up and within the recommended range.
Timing requirement for RESET during supply power up and power down is described in Table 3-11. The VBST supply is
generated internally (as described in Section 7.12) and connected to the high-power output stage of the Class D amplifier
through two balls: VBST and SPKRSUPPLY. By so doing, the speaker amplifier benefits from the proximity of the external
decoupling capacitor that is connected to the boosted supply.
4.2 Interrupts
Events that require special attention, such as when a threshold is exceeded or an error occurs, are reported through the
assertion of the interrupt output pin, INT. These events are captured within the interrupt status registers. Events can be
individually masked by setting corresponding bits in the interrupt mask registers. Table 4-1 lists interrupt status and mask
registers. The configuration of mask bits determines which events cause the immediate assertion of INT:
• When an unmasked interrupt status event is detected, the status bit is set and INT is asserted.
• When a masked interrupt status event is detected, the interrupt status bit is set, but INT is not affected.
Once INT is asserted, it remains asserted until all unmasked status bits that are set have been read. Interrupt status bits
are sticky and read-to-clear: Once set, they remain set until the register is read and the associated interrupt condition is
not present. If a condition is still present and the status bit is read, although INT is deasserted, the status bit remains set.
Class D Power Stage
SPKR SUPPLY
VP
GNDPLED
Current Mode Synchronous
Boost Controller
VCOM
Range
Scaling
Class D Front End
Short Circuit Protection
∆Σ Class D Modulator
VREF
Generation
Bandgap
Voltage
Generation
FILT+
VREF
ISENSE+
ISENSE–/
VSENSE+
GNDA
SCLK
LRCK
Soft Ramp
Level Shifters
I²C Control Port
SDA
SCL
SCLK
LRCK
SDOUT
MCLK
IN–
–
+
9,12,15, or
18 dB + Mute
IN+
Flash LED Current Driver
Control,
Sensing,
and Fault
Protection
FLOUT1 FLOUT2/AD0
FLEN FLINH
SPKOUT+
SPKOUT–/
VSENSE–
I2C Class G Override
Watchdog
Error
GNDP
VSENSE–
VSENSE+
ISENSE–
ISENSE+
SPKR
SUPPLY

ADC
Serial Audio/Data Port
Serial Port
Clock Generation
VA
RESET
INT
VMON ADC
Front End
LP
IMON ADC
Front End
LP
Low Battery Management
Class G
VBST
Current
Sense
IREF+
SW
Power
Budgeting
Temperature
Sensor
Overtemp
Protection

ADC

ADC
See Section 4.9 “LED Driver.”
See Section 4.4.
See
Section 4.11
“Audio/Data
Serial Port
(ADSP).”
See Section 4.8,
“Signal Monitoring.”
See
Section 4.10,
“Power
Budgeting.”
See
Section 4.7.
See Section 4.3.
See Section 4.6 “Boost Converter.”
See Section 4.11.
See Section 4.14.
See Section 4.2.
See Section 4.13,
“Device Clocking.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com